Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 52Page - STMicroelectronics STV2310 Datasheet HTML 53Page - STMicroelectronics STV2310 Datasheet HTML 54Page - STMicroelectronics STV2310 Datasheet HTML 55Page - STMicroelectronics STV2310 Datasheet HTML 56Page - STMicroelectronics STV2310 Datasheet HTML 57Page - STMicroelectronics STV2310 Datasheet HTML 58Page - STMicroelectronics STV2310 Datasheet HTML 59Page - STMicroelectronics STV2310 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 112 page
background image
Register List
STV2310
56/112
DDECCONT2
6
26h
0100 0100
DDECCONT2
7
27h
0110 0110
DDECCONT2
8
28h
1000 0010
HUNLOCK_LINE_NUM[3:0]
HLOCK_LINE_NUM[3:0]
DDECCONT2
9
29h
0101 0101
HLOCK_PH_ER_TH[3:0]
DDECCONT2
A
2Ah
1000 0010
CLAM_PROP[1:0]
CLAM_DER[1:0]
CLAMP_INT[2:0]
DDECCONT2
B
2Bh
0110 0011
DDECCONT2
C
2Ch
1000 0010
DDECCONT2
D
2Dh
0000 1010
DDECCONT2
E
2Eh
0000 0000
DDECCONT2
F
2Fh
0000 0000
OVERDRIV
E_MODE
OVERDRIVE_SEL[1:0]
DDECCONT3
0
30h
0000 0000
DDECCONT3
1
31h
0010 0000
AGC_DIS
CVBSAGCGAIN[5:0]
DDECCONT3
2
32h
0000 0000
DDECCONT3
3
33h
0000 0000
DDECCONT3
4
34h
0000 0000
DDECCONT3
5
35h
0000 0000
PLLLOCKI
T_EN
RGBADJU
ST_EN
RGBADJUST[5:0]
DDECCONT3
6
36h
1111 0000
PLLLOCK_
MASK
VLOCK_M
ASK
HLOCK_M
ASK
TVSTDID_
MASK
FBDEL[3:0]
DDECCONT3
7
37h
1111 1111
CB_SCALING[1:0]
CR_SCALING[5:0]
DDECCONT3
8
38h
0010 1111
CB_SCALING[5:2]
Name
Add.
(h)
Reset Value
(Bin)
Register Function and Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com