Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 73Page - STMicroelectronics STV2310 Datasheet HTML 74Page - STMicroelectronics STV2310 Datasheet HTML 75Page - STMicroelectronics STV2310 Datasheet HTML 76Page - STMicroelectronics STV2310 Datasheet HTML 77Page - STMicroelectronics STV2310 Datasheet HTML 78Page - STMicroelectronics STV2310 Datasheet HTML 79Page - STMicroelectronics STV2310 Datasheet HTML 80Page - STMicroelectronics STV2310 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 112 page
background image
77/112
STV2310
Register List
DDECCONT26
Register Description
DDECCONT27
Register Description
Bit Name
Function
Bits [7:4]
Reserved. Must be set to 1001.
HSYNC_SAV
HSYNC / SAV
This option bit is active when set AND the output mode is an analog mode (see DDECCONT0[7] register).
0: the hsync signal is issued according to the analog mode description
1: the hsync signal coincidates with the SAV code in the digital flow (falling edge on SAV first byte and rising
edge on SAV last byte).
NOISE_THRESH
OLD[2:0]
HPLL Noise Threshold Selection
This bitfield provides a tuning mechanism for HPLL behavior using the detected level of noise as a
parameter.
This bitfield defines a high noise level. When that high noise level is reached some HPLL features are
disabled (phase jumps, copy protection detection).
The bitfield can be considered as a cursor where an entry of 000 means that the input signal is above the
high noise level, whatever the noise level detected internally. Conversely an entry of 111 means that the
input signal is under the high noise level in all circumstances. Between these 2 extremes, a proportion of the
detected level of noise (register
DDECSTAT3) is the reference for the high noise level.
Address (hex): 26h
Reset Value (bin): 0100 0100
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
Function
Bits [7:0]
Reserved. Must be set to 0100 0100.
Address (hex): 1Eh
Reset Value (bin): 0110 0110
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
Function
Bits [7:0]
Reserved. Must be set to 0110 0110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com