Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 67Page - STMicroelectronics STV2310 Datasheet HTML 68Page - STMicroelectronics STV2310 Datasheet HTML 69Page - STMicroelectronics STV2310 Datasheet HTML 70Page - STMicroelectronics STV2310 Datasheet HTML 71Page - STMicroelectronics STV2310 Datasheet HTML 72Page - STMicroelectronics STV2310 Datasheet HTML 73Page - STMicroelectronics STV2310 Datasheet HTML 74Page - STMicroelectronics STV2310 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
71/112
STV2310
Register List
DDECCONT18
Register Description
STI_NB_FIELDS
_CONFIRM[2:0]
Number of Fields to be Confirmed
This bitfield operates on the second stage of the standard identification algorithm: the confirmation stage. It
gives the number of consecutive fields where the standard criteria must be OK before the standard
identification is confirmed.
000: 1 field 100: 8 fields
001: 3 fields (default) 101: 32 fields
010: 7 fields 110: 45 fields
011: 10 fields 111: 63 fields
SPC_OVERLOA
D_OFF
Cover coefficient forced to 1
The SPC_ACC_OFF and SPC_OVERLOAD_OFF bits are related to the ACC and ACC Overload
mechanisms operating on the CVBS flow. These regulating algorithms are a complement to the AGC
operating on the CVBS and the Y amplitudes).
The ACC and ACC Overload mechanisms operate on the chroma (C) amplitude in the CVBS flow. The ACC
(automatic chroma control) operates with the Cburst burst scale factor. The ACC overload mechanism
operates with the Cover chroma correction factor. Both Cburst and Cover values are internal variables.
The Cover variable carries the maximum chroma value measured during the video line.
0: Cover coefficient is not forced to 1 (Overload mechanism).
1: Cover coefficient is forced to 1.
SPC_ACC_OFF
Cburst coefficient forced to 1
The Cburst variable carries the input video burst amplitude. When that amplitude is different from the
standard, demodulated chroma components are scaled with Cburst. Cburst change rate and change steps
are also programmable. See registers DDECCONT20[1:0] = SPC_ACC_KTHBURST[1:0] ,
DDECCONT20[5:4] = SPC_ACC_NB_LINEUP[1:0] , DDECCONT20[7:6] = SPC_ACC_NB_LINEDW[1:0].
0: Cburst coefficient is not forced to 1 (ACC. mechanism).
1: Cburst coefficient is forced to 1.
Address (hex): 18h
Reset Value (bin): 0101 1001
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BW_SEL[2:0]
NONINTER
LACED_EN
OUT_
RANGE
COMB_
MODE
Bit Name
Function
Bit 7
Reserved. Must be set to 0.
BW_SEL[2:0]
Notch Width Select
This register offers the possibility to select the notch width:
000: Notch filter the narrowest
111: Notch filter the widest
Bit Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com