Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 14Page - STMicroelectronics STV2310 Datasheet HTML 15Page - STMicroelectronics STV2310 Datasheet HTML 16Page - STMicroelectronics STV2310 Datasheet HTML 17Page - STMicroelectronics STV2310 Datasheet HTML 18Page - STMicroelectronics STV2310 Datasheet HTML 19Page - STMicroelectronics STV2310 Datasheet HTML 20Page - STMicroelectronics STV2310 Datasheet HTML 21Page - STMicroelectronics STV2310 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
Functional Description
STV2310
18/112
The external HSync pulse can be synchronised to the End of Active Video (EAV) and the Start of
Active Video (SAV) pulses, or initialized according to the usual analog H/V pulse using the
HSYNC_SAV bit in the DDECCONT25 register.
4.3
Input Sample Rate Conversion
4.3.1
General Description
An Input Sample Rate Converter (ISRC) converts the acquisition pixel rate to a clock domain
virtually locked to the color subcarrier. This ISRC is controlled by a subcarrier phased-locked loop
(Chroma PLL). This enables comb filtering and chroma demodulation to be carried out on various
subcarrier frequencies using the same system clock sampling frequency.
The Input SRC uses the data provided by the front-end ADCs to process both the CVBS and C
flows (in the event of separated Y/C inputs, the CVBS flow = Y flow). The same processing is
applied to the CVBS and C data.
When the input video standard has been identified, its subcarrier frequency (fSC) is known and the
Chroma PLL is locked. The Input SRC transforms the input data captured at the 27-MHz system
clock sampling frequency (fS) to the subcarrier clock domain frequency (4 x fSC).
Figure 9: AGC Flowchart
Code
1020
0
256/244
18
30
807 + 8x
772 + 8x
32
Points/Line
Threshold
108
16
8
Threshold
Line
9
9
220
5
Hsync Pulse Bottom Period
Small Amplitude Signal
for Hsync Pulse Bottom Period
Luma Low Signal Detection Threshold
Luma Saturation Threshold
0 to 65
CVBS Saturation Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com