Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 93Page - STMicroelectronics STV2310 Datasheet HTML 94Page - STMicroelectronics STV2310 Datasheet HTML 95Page - STMicroelectronics STV2310 Datasheet HTML 96Page - STMicroelectronics STV2310 Datasheet HTML 97Page - STMicroelectronics STV2310 Datasheet HTML 98Page - STMicroelectronics STV2310 Datasheet HTML 99Page - STMicroelectronics STV2310 Datasheet HTML 100Page - STMicroelectronics STV2310 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
97/112
STV2310
Register List
DDECSTAT2
Register Description
DDECSTAT3
Register Description
Address (hex): 81h - Read Only
Reset Value (bin): Undefined
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VLOCK
HLOCK
PLLLOCK
5060ID
TVSTDID
TVSTD[2:0]
Bit Name
Function
VLOCK
Flag used to signal Vertical Synchronization Signal Capture
0: Vsync is not captured
1: Vsync is captured
HLOCK
Flag used to signal Horizontal PLL (detection) lock status
0: HPLL is out of lock
1: HPLL is in lock
PLLLOCK
Flag used to signal Output PLL (line-locked) status
0: Output PLL is out of lock
1: Output PLL is in lock
5060ID
Flag used to signal detection of either 50 Hz or 60 Hz signal
0: 60 Hz signal is detected.
1: 50 Hz signal is detected.
TVSTDID
Flag used to signal that standard is identified
0: Standard is not identified.
1: Standard is identified.
TVSTD[2:0]
Identification (code) of Identified Standard
See the AUTOSTD[5:0] bits in the
DDECCONT1 register.
Address (hex): 82h - Read Only
Reset Value (bin): Undefined
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VSYNCLOC
_NSTD
BLANKLVL_
SHIFT_DET
ECTED
INTERLACE
D_DETECT
ED
DVD_DETE
CTED
VCR_DETE
CTED
INSER_DET
ECTED
FB_DETEC
TED
TRICKMOD_
DETECTED
Bit Name
Function
VSYNCLOC_
NSTD
The synchronisation block normally detects the input video parity by detecting the Vsync position with
respect to the Hsync. The Vsync position is normally at the beginning of line (0%) or middle of line (50%).
The built-in thresholds for Vsync position are 25% and 75%. When the Vysnc is actually close to these
limits, a bad parity detection may take place. This is the reason for this status bit.
When set, the Vsync is positioned between 20% - 30% OR 70%-80% of input video line.
BLANKLVL_SHIF
T_DETECTED
When set, this bit indicates that the input video blank level is shifted during the VBI. This detection only
takes place when the shift is above a determined threshold and there is a low level of noise.
INTERLACED_
DETECTED
When set, this bit indicates that the input video is interlaced. When reset the input video is non interlaced.
This bit can potentially change value at each input video field
DVD_DETECTED
When set, this bit indicates that a DVD has been detected on the input.
VCR_DETECTED
When set, this bit indicates that a VCR has been detected on the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com