Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 97Page - STMicroelectronics STV2310 Datasheet HTML 98Page - STMicroelectronics STV2310 Datasheet HTML 99Page - STMicroelectronics STV2310 Datasheet HTML 100Page - STMicroelectronics STV2310 Datasheet HTML 101Page - STMicroelectronics STV2310 Datasheet HTML 102Page - STMicroelectronics STV2310 Datasheet HTML 103Page - STMicroelectronics STV2310 Datasheet HTML 104Page - STMicroelectronics STV2310 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 112 page
background image
101/112
STV2310
Electrical Characteristics
6.5
R/G/B and Cr/Cb Inputs
VIN_Chroma
C Full Scale Input Voltage (before external Anti-Aliasing Filter
with Attenuation = 0.55)
0.6
0.88
1.25
VPP
CIN_CVBS
Input Coupling Capacitor for CVBS
22
nF
CIN_C
Input Coupling Capacitor for C
1
nF
BWCVBS
Input Bandwidth Analog Input
6
MHz
CLCVBS
CVBS/Y Input Black Clamping Level
1.0
V
CBIAS
C Input Bias Level
560
mV
ISOURCE
Positive Clamp Current (CVBS/Y)
+200
+400
µA
ISINK
Negative Clamp Current (CVBS/Y)
-400
-200
µA
I_Step
I Step Clamp
±5
µA
ZIN
C Input Impedance
10
kOhm
Crosstalk
Channel Crosstalk
50
dB
Symbol
Parameter
Min.
Typ.
Max
Unit
VIN_RGB
R/G/B Full Scale Input Voltage (before external Anti-Aliasing
Filter with Attenuation = 0.65)
0.5
0.7
1.0
VPP
CLRGB
R/G/B Input Clamp Level
1.0
V
CIN_RGB
Input Coupling Capacitor
22
nF
BWRGB_L
Channel Bandwidth on Luma Component
6
MHz
BWRGB_Chr
Channel Bandwidth on CrCb Component
3
MHz
VIN_CrCb
Cr/Cb Full Scale Input Voltage (before external Anti-Aliasing
Filter with Attenuation = 0.65)
0.5
0.7
1.0
VPP
CLCrCb
Cr/Cb Clamp Level
1.3
V
ISOURCE
Positive Clamp Current (RGB)
+200
+400
µA
ISINK
Negative Clamp Current (RGB)
-400
-200
µA
I Step Clamp
±5
µA
Crosstalk
Crosstalk between Analog Inputs
50
dB
Symbol
Parameter
Min.
Typ.
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com