Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 99Page - STMicroelectronics STV2310 Datasheet HTML 100Page - STMicroelectronics STV2310 Datasheet HTML 101Page - STMicroelectronics STV2310 Datasheet HTML 102Page - STMicroelectronics STV2310 Datasheet HTML 103Page - STMicroelectronics STV2310 Datasheet HTML 104Page - STMicroelectronics STV2310 Datasheet HTML 105Page - STMicroelectronics STV2310 Datasheet HTML 106Page - STMicroelectronics STV2310 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 112 page
background image
103/112
STV2310
Electrical Characteristics
6.10
Clock Data Output
6.11
CLKSEL, TST_MODE, NRESET and I2CADD Inputs
6.12
Main Clock Characteristics
tf
Fall Time
3ns
Maximum Capacitive Load
30
pf
Symbol
Parameter
Min.
Typ.
Max
Unit
VOL
Low Level Output Voltage (IOUT = 4 mA)
0.4
V
VOH
High Level Output Voltage (IOUT = 4 mA)
2.4
V
tr
Rise Time
3ns
tf
Fall Time
3ns
Maximum Capacitive Load
30
pf
Symbol
Parameter
Min.
Typ.
Max
Unit
CLKSEL Input
VIL
CLKSEL Input Voltage Low Level
0.6
V
VIH
CLKSEL Input Voltage High Level
1.2
V
IL
CLKSEL Input Leakage Current
1
µA
TST_MODE, NRESET and I2CADD Inputs
VIL
Input Low Level
0.8
V
VIH
Input High Level
2.0
V
IL
Input Leakage Current
-1.0
1.0
µA
Symbol
Parameter
Min.
Typ.
Max
Unit
Differential Clock Input (CLKXTM, CLKXTP)
FS
Nominal Frequency
27
MHz
FS_TOL
Tolerance (including Temp. shift)
±50
ppm
Duty_cycle
Clock Duty Cycle
45
50
%
VIL
Input Voltage Low Level
0.6
VIH
Input Voltage High Level
1.2
IL
Input Leakage Current
1
µA
External Crystal Characteristics
Symbol
Parameter
Min.
Typ.
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com