Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 40Page - STMicroelectronics STV2310 Datasheet HTML 41Page - STMicroelectronics STV2310 Datasheet HTML 42Page - STMicroelectronics STV2310 Datasheet HTML 43Page - STMicroelectronics STV2310 Datasheet HTML 44Page - STMicroelectronics STV2310 Datasheet HTML 45Page - STMicroelectronics STV2310 Datasheet HTML 46Page - STMicroelectronics STV2310 Datasheet HTML 47Page - STMicroelectronics STV2310 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 112 page
background image
Functional Description
STV2310
44/112
Ancillary Data Flow
For each TV line, the following sequence is generated immediately after the EAV code:
DID & SDID Coding Convention
All VBI data formats recognized by the Slicer use the same Data ID value. This Data ID value is
programmed in the SLDID[5:0] bits in the VBICONT1 register. The default value of the DID register
is "000001" respecting an 8-bit format and coding for 8-bit applications, in compliance with SMPTE
291M specifications (the full default code is 41h when parity control bits are added). Bits 6 and 7 of
the DID value are hardware calculated (bit 6 is the even parity of bits 5 to 0, bit 7 is the binary
complement of bit 6).
Note:
All possible DID values are coded using a Type 2 ancillary data coding format.
The Secondary Data ID codes (SDID) identify the recognized data formats as follows:
ADF
DID
SDID
DC
UDWi
CS
3 Bytes
1 Byte
1 Byte
1 Byte
User Data
Words
1 Byte
00h - FFh - FFh
41h
Format ID
UDW Count
Sliced Data in
nibble
Checksum
Table 15: Secondary ID Codes
SDID1
1. 8-bit Format
SDID Byte
Comments
01
41h
WSS (No field link)
02
42h
(Not used)
03
83h
VPS (No field link)
04
44h
Closed Caption - Field 2
05
85h
Closed Caption - Field 1
06
86h
Gemstar - Field 2
07
47h
Gemstar - Field 1
08
48h
Teletext B - 625 lines/50 Hz - Field 2
Frame Code: 27h - F = 6.9375 MHz
09
89h
Teletext B - 625 lines/50 Hz - Field 1
Frame Code: 27h - F = 6.9375 MHz
0A
8Ah
Teletext B - 625 lines/50 Hz - Field 2
Frame Code: XXh2 - F = 6.9375 MHz
0B
4Bh
Teletext B - 625 lines/50 Hz - Field 1
Frame Codecode: XXh2 - F = 6.9375 MHz
2. A different Frame Code (from the usual one) has been validated for this data.
The field information can be recovered from the Data ID value.
10
50h
Teletext B - 525 lines/60 Hz - Field 2
Frame Code: 27h - F = 5.727272 MHz
11
91h
Teletext B - 525 lines/60 Hz - Field 1
Frame Code: 27h - F = 5.727272 MHz
12
92h
Teletext B - 525 lines/60 Hz - Field 2
Frame Code: XXh2 - F = 5.727272 MHz
13
53h
Teletext B - 525 lines/60 Hz - Field 1
Frame Code: XXh2 - F = 5.727272 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com