Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 89 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 85Page - STMicroelectronics STV2310 Datasheet HTML 86Page - STMicroelectronics STV2310 Datasheet HTML 87Page - STMicroelectronics STV2310 Datasheet HTML 88Page - STMicroelectronics STV2310 Datasheet HTML 89Page - STMicroelectronics STV2310 Datasheet HTML 90Page - STMicroelectronics STV2310 Datasheet HTML 91Page - STMicroelectronics STV2310 Datasheet HTML 92Page - STMicroelectronics STV2310 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
89/112
STV2310
Register List
VBICONT6
Register Description
VBICONT7
Register Description
VBICONT8
Register Description
Address (hex): 42h
Reset Value (bin): 0000 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GMVBILINE
S
GMRELAX_
EN
GMSLICING
_EN
CCVBILINE
S
CCRELAX_
EN
CCSLICING_
EN
Bit Name
Function
GMVBILINES
GM VBI Slicing Enable
0: Data slicing is active on line 21 in 60Hz and line 22 in 50Hz
1: Data slicing is authorised during the whole VBI
GMRELAX_EN
GEM-US Relaxed Frame Check Enable
0: Relaxed frame check is disabled
1: Relaxed frame check is enabled
GMSLICING_EN
GEM-US Slicing Enable
0: Data slicing is disabled (Gem = Gemstar)
1: Data slicing is enabled
CCVBILINES
CC VBI Slicing Enable
0: Data slicing is running only during the line 21 in 60Hz and line 22 in 50Hz.
1: Data slicing is authorised during the entire VBI
CCRELAX_EN
CC Relaxed Frame Check Enable
0: Relaxed Framecheck is disabled
1: Relaxed Framecheck is enabled
CCSLICING_EN
CC Slicing Enable
0: Data slicing is disabled
1: Data slicing is enabled
Address (hex): 43h
Reset Value (bin): 0000 1101
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
Function
Bits [7:0]
Reserved. Must be set to 0000 1101.
Address (hex): 44h
Reset Value (bin): 0000 1000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SLHY[9:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com