Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 54Page - STMicroelectronics STV2310 Datasheet HTML 55Page - STMicroelectronics STV2310 Datasheet HTML 56Page - STMicroelectronics STV2310 Datasheet HTML 57Page - STMicroelectronics STV2310 Datasheet HTML 58Page - STMicroelectronics STV2310 Datasheet HTML 59Page - STMicroelectronics STV2310 Datasheet HTML 60Page - STMicroelectronics STV2310 Datasheet HTML 61Page - STMicroelectronics STV2310 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 112 page
background image
Register List
STV2310
58/112
5.2
Non-VBI Control Register Descriptions
DDECCONT0
Register Description
DDECCONTF
E
7Eh
0000 0000
INTERDET
_ACK
VCRDET_
ACK
INSERDET
_ACK
FBDET_AC
K
PLLLOCK_
ACK
VLOCK_A
CK
HLOCK_A
CK
TVSTDID_
ACK
DDECCONTF
F
7Fh
0000 0000
VSYNCNS
TD_ACK
TRICKDET
_ACK
DDECSTAT1
80h
0001 0000
STVDDECVERS[7:0]
DDECSTAT2
81h
READ ONLY
VLOCK
HLOCK
PLLLOCK
5060ID
TVSTDID
TVSTD[2:0]
DDECSTAT3
82h
READ ONLY
VSYNCLO
C_NSTD
BLANKLVL
_SHIFT_D
ETECTED
INTERLAC
ED_DETE
CTED
DVD_DET
ECTED
VCR_DET
ECTED
INSER_DE
TECTED
FB_DETE
CTED
TRICKMO
D_DETEC
TED
DDECSTAT4
83h
READ ONLY
NOISELVL[7:0]
DDECSTAT5
84h
READ ONLY
SLDID[7:0]
DDECSTAT6
85h
READ ONLY
SLFIL[7:0]
DDECSTAT7
86h
READ ONLY
VBIERR_D
ETECTED
GEM_DET
ECTED
CC_DETE
CTED
VPS_DET
ECTED
WST_DET
ECTED
WSS_DET
ECTED
OPENLOO
P
DDECSTAT8
Address: 00h
Reset Value (bin): 0000 0100
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VSYNCTYP
E
PIXMODE
ACTEDGE
CVBSMUX
OUTTRISTA
TE
SVIDEOSEL
5060MODE[1:0]
Bit Name
Function
VSYNCTYPE
Vsync Insertion in Output Flow
The VSYNC output signal is always synchronous to the output clock (CLK_DATA). It will toggle twice per
frame either in Digital or Analog mode according to this option.
0: Analog mode (Interlaced): depends on the standard:
for Output Standard 1: start of line 1 and middle of line 263
for Output Standard 2: start of line 1 and middle of line 313
for Output Standard 3: start of line 1 and middle of line 313 (same as Standard 2)
for Output Standard 4: start of line 1 and middle of line 263 (Default)
1: Digital mode: start of line 1/624 or start of line 264/624 (Vsync at beginning of line)
Note that the analog mode is now split between an "analog output as input" mode and an "analog output
with forced interlaced" output mode. For more information, see bit 3 of register
DDECCONT18.
Name
Add.
(h)
Reset Value
(Bin)
Register Function and Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com