Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 63Page - STMicroelectronics STV2310 Datasheet HTML 64Page - STMicroelectronics STV2310 Datasheet HTML 65Page - STMicroelectronics STV2310 Datasheet HTML 66Page - STMicroelectronics STV2310 Datasheet HTML 67Page - STMicroelectronics STV2310 Datasheet HTML 68Page - STMicroelectronics STV2310 Datasheet HTML 69Page - STMicroelectronics STV2310 Datasheet HTML 70Page - STMicroelectronics STV2310 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
67/112
STV2310
Register List
DDECCONTF
Register Description
DDECCONT10
Register Description
Bit Name
Function
Bits [5:0]
Reserved. Must be set to 0.
Bit 6
Reserved. Must be set to 0.
Bit 7
Reserved. Must be set to 0.
Address (hex): 0Fh
Reset Value (bin): 0000 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DEM_CKILL_LVL[2:0]
DEM_CKILL_LVL[4:0]
Bit Name
Function
DEM_CKILL_LVL
[2:0]
Reserved. Must be set to 000. Chroma Killer Hysteresis Level
The chroma kill mechanism is by default in automatic mode (see ddeccontd[7:0] register). The color is killed
on the output when no chroma standard is recognised. This register offers an additional killer feature when
in automatic mode. The chroma is killed when the burst amplitude is under the chroma killer automatic level.
The chroma is restaured when the chroma burst amplitude is above the threshold plus the programmed
hysteresis. When the chroma burst amplitude < dem_ckill_lvl[4:0], the chroma is killed. When the chroma is
killed and the chroma burst amplitude > dem_ckill_lvl[4:0] + dem_ckill_lvl[7:5], the chroma is no longer
killed.
DEM_CKILL_LVL
[4:0]
Reserved. Must be set to 00000. Chroma Killer Automatic Threshold.
See above.
Address (hex): 10h
Reset Value (bin): 0001 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPC_NTSC
_FLESH_PH
SPC_NTSC
_FLESH_EN
Bit Name
Function
SPC_NTSC_FLE
SH_PH
Automatic Flesh Control Phase Reference Selection
The Flesh Tone Reference Angle in the [B-Y, R-Y] axis system is either 123° or 117°.
0: Reference Phase is 117° (Default)
1: Reference Phase is 123°
SPC_NTSC_FLE
SH_EN
Automatic Flesh Control Mode Enable
0: Automatic Flesh Control is disabled. (Default)
1: Automatic Flesh Control is enabled.
Bits [5:0]
Reserved/ Must be set to 01 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com