Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 38Page - STMicroelectronics STV2310 Datasheet HTML 39Page - STMicroelectronics STV2310 Datasheet HTML 40Page - STMicroelectronics STV2310 Datasheet HTML 41Page - STMicroelectronics STV2310 Datasheet HTML 42Page - STMicroelectronics STV2310 Datasheet HTML 43Page - STMicroelectronics STV2310 Datasheet HTML 44Page - STMicroelectronics STV2310 Datasheet HTML 45Page - STMicroelectronics STV2310 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 112 page
background image
Functional Description
STV2310
42/112
Note:
The WST - Teletext C and D (525 lines /60 Hz) formats (NATBS - MOJI) may be covered by the
WST - Teletext B (525 lines -60 Hz) format.
4.13.1 VBI Formatting Features
4.13.1.1 VPS Features
Video Programming System (VPS) data complies with ETSI specifications.
● Search of VPS data on TV line 16 of each field
● Optional Extended VPS data on three TV lines (15,16 and 17) of each field
● Search of VPS data regardless of the field information
● Recognition of Start code
● Sampling and decoding of bytes 5 and 11 to 14
● Bi-phase code check
● Generation of bi-phase correctness flags
4.13.1.2 WSS Features
Wide Screen Signaling (WSS) data complies with ETSI specifications.
● Search of WSS data on TV line 23 of each field
● Optional Extended WSS data on four TV lines (21, 22, 23 and 24) of each field
● Search of WSS data regardless of the field information
● Recognition of Start code
● Sampling and decoding of relevant 14 bits
● Bi-phase code check
● Generation of bi-phase correctness flags
4.13.1.3 WST Features
World System Teletext (WST) data complies with ETSI specifications. The searched WST format is
unique at a given time and is programmed by software through register-based control bits (50 Hz or
60 Hz, etc.).
● Search of WST data starting at TV line 6 for 525-line broadcasts, or TV line 318 for 625-line
broadcasts.
● Optional Extended WST data search starting at 2nd TV line (register-based control bit).
● Recognition and check of usual WST frame code (27h).
● Optional recognition and check of programmable extended frame code (register-based value -
but the three LSBs must be kept at ‘1’).
● Recognition of all packets or recognition of only Service Packets X/30 and X/31 (register-
based control bit).
● Hamming decode & check of Magazine and Page bytes for usual frame code.
● Split of Magazine & Page data in two separate bytes (1st byte is for Magazine, 2nd for Page).
4.13.1.4 Closed Caption Features
● Search of CC data during line 21 (NTSC) or line 22 (PAL), regardless of the field information.
● Optional Extended slicing during all the VBI (line 5 to 25 /NTSC or 2 to 25 /PAL), regardless of
the field information.
● Recognition and check of usual CC Frame code (11000b).
● Recognition and check of tighter CC Frame code (C2h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com