Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 94 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 90Page - STMicroelectronics STV2310 Datasheet HTML 91Page - STMicroelectronics STV2310 Datasheet HTML 92Page - STMicroelectronics STV2310 Datasheet HTML 93Page - STMicroelectronics STV2310 Datasheet HTML 94Page - STMicroelectronics STV2310 Datasheet HTML 95Page - STMicroelectronics STV2310 Datasheet HTML 96Page - STMicroelectronics STV2310 Datasheet HTML 97Page - STMicroelectronics STV2310 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
Register List
STV2310
94/112
VBICONT15
Register Description
VBICONT16
Register Description
VBICONT17
Register Description
Address (hex): 51h
Reset Value (bin): 0001 0101
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
Function
Bits [7:0]
Reserved. Must be set to 0001 0101.
Address (hex): 52h
Reset Value (bin): 1010 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EQZPRGM
ODE
EQZORDER
SEL
Bit Name
Function
Bit 7
Reserved. Must be set to 0.
EQZPRGMODE
0: Coefficients set not programmable
1: Coefficients set programmable.
When set, the table of coefficients can be programmed. The selection of each coefficients is done with
VBI_EQUALCOEFF[2:0]
EQZORDERSEL
0: Second order filter is used
1: First order filter is used
Bits [4:0]
Reserved. Must be set to 0 0000.
Address (hex): 53h
Reset Value (bin): 0101 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VBI_EQUALCOEFF[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com