Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 74Page - STMicroelectronics STV2310 Datasheet HTML 75Page - STMicroelectronics STV2310 Datasheet HTML 76Page - STMicroelectronics STV2310 Datasheet HTML 77Page - STMicroelectronics STV2310 Datasheet HTML 78Page - STMicroelectronics STV2310 Datasheet HTML 79Page - STMicroelectronics STV2310 Datasheet HTML 80Page - STMicroelectronics STV2310 Datasheet HTML 81Page - STMicroelectronics STV2310 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 112 page
background image
Register List
STV2310
78/112
DDECCONT28
Register Description
DDECCONT29
Register Description
DDECCONT2A
Register Description
Address (hex): 28h
Reset Value (bin): 1000 0010
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HUNLOCK_LINE_NUM[3:0]
HLOCK_LINE_NUM[3:0]
Bit Name
Function
HUNLOCK_LINE
_NUM[3:0]
HPLL number/4 of successive err>thresh for hunlock
This register is used by the HPLL. It provides the number of successive lines divided by 4 where the phase
error must be above the required threshold to consider the hlock to be lost. The default value is 8 x 4 lines.
HLOCK_LINE_N
UM
[3:0]
HPLL number/4 of successive err<thresh for hlock
This register is used by the HPLL. Its entry is the number of successive lines divided by 4 where the phase
error must be below the required threshold before the hlock is acquired (a value of 0001 h = 1 means 4
lines). The default value is 2 x 4 lines.
Address (hex): 29h
Reset Value (bin): 0101 0101
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HLOCK_PH_ER_TH[3:0]
Bit Name
Function
Bit 7
Reserved. Must be set to 0.
Bit 7
Reserved. Must be set to 1.
Bits [5:4]
Reserved. Must be set to 01.
HLOCK_PH_ER_
TH[3:0]
HPLL phase error threshold / 8 for hlock / hunlock
This register provides the phase error threshold for the HPLL. The same value is used for the lock and
unlock mechanism. The entry value is the number of samples multiplied by 8. The default value is 5 x 8
samples.
Address (hex): 2Ah
Reset Value (bin): 1000 0010
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CLAMP_PROP[1:0]
CLAMP_DER[1:0]
CLAMP_INT[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com