Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 27Page - STMicroelectronics STV2310 Datasheet HTML 28Page - STMicroelectronics STV2310 Datasheet HTML 29Page - STMicroelectronics STV2310 Datasheet HTML 30Page - STMicroelectronics STV2310 Datasheet HTML 31Page - STMicroelectronics STV2310 Datasheet HTML 32Page - STMicroelectronics STV2310 Datasheet HTML 33Page - STMicroelectronics STV2310 Datasheet HTML 34Page - STMicroelectronics STV2310 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 112 page
background image
31/112
STV2310
Functional Description
For all output standards, the Vsync output signal changes twice per frame. The Vsync signal (pin
34) can be generated at the output in one of two modes:
1
“Digital“ Vsync mode: The VSYNC signal always changes at the beginning of the line,
depending on the output standard.
2
“Analog” Vsync mode: The VSYNC signal changes either at the beginning or the middle of the
line, depending on the analog input signal.
➢ for Output Standard 1: Start of line 4 and middle of line 266
➢ for Output Standard 2: Start of line 1 and middle of line 313
➢ for Output Standard 3: Start of line 1 and middle of line 313 (same as standard 2)
➢ for Output Standard 4: Start of line 4 and middle of line 266
Note that the output standard depends on the input TV standard and the programmable Normal
Pixel or Square Pixel mode.
The VSYNC output mode is selected by the VSYNCTYPE bit in the DDECCONT0 register.
The V bit of the output flow always changes at the beginning of the line (in compliance with standard
ITU-R BT 656).
Non-Interlaced mode: When required, the STV2310 is able to interlace the output, even if the
source is non-interlaced (by default, the output Vsync follows the input Vsync).
4.12.2.3 Hsync Output Pin Mode
The Hsync output pulse can shifted, this is in comparision with the embedded Hsync pulse.
4.12.2.4 FIELD Output Pin Mode
The FIELD output pulse represents the parity of the field and toggles either with the embedded
FIELD pulse, or is synchronous with the Vsync pin, when set in analog interlaced mode. To toggle
in analog interlaced mode, the direct parity mode must be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com