Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 56Page - STMicroelectronics STV2310 Datasheet HTML 57Page - STMicroelectronics STV2310 Datasheet HTML 58Page - STMicroelectronics STV2310 Datasheet HTML 59Page - STMicroelectronics STV2310 Datasheet HTML 60Page - STMicroelectronics STV2310 Datasheet HTML 61Page - STMicroelectronics STV2310 Datasheet HTML 62Page - STMicroelectronics STV2310 Datasheet HTML 63Page - STMicroelectronics STV2310 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 112 page
background image
Register List
STV2310
60/112
DDECCONT2
Register Description
Bit Name
Function
BLANKMODE
[1:0]
Blanking Mode
The blanking mode defines how the clamp mechanism will perform. The blanking code is the ADC output
code used by the clamp mechanism as target In the Auto mode and depends on the vertical sync
identification result (50 or 60 Hz). The blanking code is determined in the 2 other modes.
00: Auto (50 Hz = Code 256, 60 Hz = Code 244) (Default)
01: Blanking code 256 (Sync tip 43 IRE)
10: Blanking code 244 (Sync tip 40 IRE)
11: Auto (Same as 00)
AUTOSTD[5:0]
Auto Identification Table (Seventh and Eighth Standards)
The STV2310 can search for one of the TV standards programmed in the Automatic Standard Identification
Table (split over several registers). The Automatic Standard Identification Table has 8 entries with an order
of priority for the search. Note that in the default configuration, "No Standard" is programmed in the seventh
and eigth entries.
000: PAL BGDHI100: PAL N
001: SECAM 101 NTSC 4.43
010: NTSC M110 or 111: No Standard
011: PAL M
Address (hex): 02h
Reset Value (bin): 0100 1001
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PEDESTAL_
REMOVE
AUTOSTD[11:6]
Bit Name
Function
Bit 7
Reserved: Must be set to 0.
PEDESTAL_
REMOVE
Pedestal Remove in Input signal
The PEDESTAL_REMOVE bit describes the input signal (whether a pedestal is present in the input signal
or not). This information is entered by the user. Gain and offset on the Y processing will be different
according to that bit. The pedestal remove function is active for all 50- and 60-Hz input standards. Note that
by default, it is considered that there is no pedestal in NTSC M inputs.
The pedestal remove function operates both on the CVBS and RGB flows.
0: Pedestal is present in input signal.
1: Pedestal is not present in input signal. (Default)
AUTOSTD[11:6]
Auto Identification Table (Fifth and Sixth Standards)
Fifth and Sixth Standards of the Automatic Standard Identification Table. See register
DDECCONT1.
001 001: SECAM (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com