Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 79Page - STMicroelectronics STV2310 Datasheet HTML 80Page - STMicroelectronics STV2310 Datasheet HTML 81Page - STMicroelectronics STV2310 Datasheet HTML 82Page - STMicroelectronics STV2310 Datasheet HTML 83Page - STMicroelectronics STV2310 Datasheet HTML 84Page - STMicroelectronics STV2310 Datasheet HTML 85Page - STMicroelectronics STV2310 Datasheet HTML 86Page - STMicroelectronics STV2310 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
83/112
STV2310
Register List
DDECCONT35
Register Description
DDECCONT36
Register Description
Address (hex): 35h
Reset Value (bin): 0000 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PLLLOCKIT
_EN
RGBADJUS
T_EN
RGBADJUST[5:0]
Bit Name
Function
PLLLOCKIT_EN
PLLLOCK Pad IT Enable
0: The PLLLOCK pad use is determined by the DDECCONT7 register
1: The PLLLOCK pad is used as the IT pad (in this case, register DDECCONT7 is irrelevant)
RGBADJUST_EN
RGB Gain Adjustment Enable
0: RGB Gain Adjustment mechanism is disabled (Default)
1: RGB Gain Adjustment enabled
RGBADJUST[5:0]
RGB Gain Adjustment Value
This adjusts the RGB channel with the CVBS channel. The adjustment gain is expressed as [1 +
RGBADJUST]. It is applied on Y, Cr and Cb when in RGB mode. It is applied on Cr and Cb in YCrCb
mode. RGBADJUST is coded in 2's complement (+31 to -32).
011111: Maximum positive value of approx. +0.25
000000: RGBADJUST = 0 (Default)
100000: Maximum negative value of approx. -0.25
Address (hex): 36h
Reset Value (bin): 1111 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PLLLOCK_
MASK
VLOCK_MA
SK
HLOCK_MA
SK
TVSTDID_M
ASK
FBDEL[3:0]
Bit Name
Function
PLLLOCK_MASK
Mask for interruption on change of PLLLOCK status
VLOCK_MASK
Mask for interruption on change of VLOCK status
HLOCK_MASK
Mask for interruption on change of HLOCK status
TVSTDID_MASK
Mask for interruption on change of TVSTDID status
0: Interrupt is not masked
1: Interrupt is masked
FBDEL[3:0]
delays the FB signal wrt the RGB flow
The delay is coded in 2's complement (from -16 to 15) The Default value is 0, expressed in 4 x fSC clock
periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com