Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 19Page - STMicroelectronics STV2310 Datasheet HTML 20Page - STMicroelectronics STV2310 Datasheet HTML 21Page - STMicroelectronics STV2310 Datasheet HTML 22Page - STMicroelectronics STV2310 Datasheet HTML 23Page - STMicroelectronics STV2310 Datasheet HTML 24Page - STMicroelectronics STV2310 Datasheet HTML 25Page - STMicroelectronics STV2310 Datasheet HTML 26Page - STMicroelectronics STV2310 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
23/112
STV2310
Functional Description
The Flesh Tone Correction mechanism operates with a programmable reference axis. It performs
an on-the-fly change of demodulation axis for any color with a phase of approximately ± 39.4°
around the reference axis. It is only operational in the active video line.
Flesh Tone Correction (c
ϕ) is up to a maximum of ±10°.
Cr and Cb amplitudes can be adjusted separately. (See Section 4.12.1 .)
4.7.2
Programming
For NTSC standards, there are several ways to improve the video input. The hue value is controlled
by the HUECTRL[5:0] bits in the DDECCONT2 register. The hue control value is defined in 63 steps
of approximately 1.4 degrees each, which provide an offset between -45.0° and +43.6°. When
00000, the hue angle is 0, otherwise the value of the hue angle is coded in 2’s complement.
An Automatic Flesh Control is also available with the STV2310. This mode is enabled by setting the
FLESH_EN bit in the DDECCONT10 register. For the Automatic Flesh Control Phase Shift
selection, the Flesh Tone Reference Angle in the [B-Y, R-Y] axis system is either 123° or 117°. This
value is selected in the FLESHPH_SEL bit of the DDECCONT10 register.
The Color Kil control mode can be automatic, depending on the standard identification, or forced On
or Off by the DEM_CKILL_CTRL[1:0] bits in the DDECCONTD register. In PAL/NTSC mode, it can
also depend on burst amplitude by setting the in the DDECCONTF register.
A pedestal can be removed from the luminance input signal by the video standard using the
PEDESTAL_REMOVE bit in the DDECCONT2 register.
4.8
Soft Mixer
4.8.1
General Description
The Soft Mixer is used to mix the Y, Cr and Cb data flows (respectively) from the CVBS source and
the RGB Insertion block. The mixing of the data flows is controlled by Fast Blanking mode. A forced
CVBS or RGB flow mode can also be programmed. In this case, the mixer acts as a multiplexer. A
static mixing (also called alpha blending) mode is also programmable.
When the normal mixing mode is programmed, the CVBS and RGB flows are blending according to
the Fast Blanking (FB) signal. The FB signal is sampled with subpixel accuracy to ensure correct
mixing. The mixing slope between flows is programmable.
Figure 13: Phase Correction when Automatic Flesh Control Enabled
Input Subcarrier Phase
Phase Correction (c
ϕ)
ϕ0
ϕ0 + 29.5°
ϕ0 - 29.5°
ϕ0 + 39.4°
ϕ0 - 39.4°
(degrees)
ϕ0 = 123° or 117°
+10
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com