Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 81 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 77Page - STMicroelectronics STV2310 Datasheet HTML 78Page - STMicroelectronics STV2310 Datasheet HTML 79Page - STMicroelectronics STV2310 Datasheet HTML 80Page - STMicroelectronics STV2310 Datasheet HTML 81Page - STMicroelectronics STV2310 Datasheet HTML 82Page - STMicroelectronics STV2310 Datasheet HTML 83Page - STMicroelectronics STV2310 Datasheet HTML 84Page - STMicroelectronics STV2310 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 112 page
background image
81/112
STV2310
Register List
DDECCONT30
Register Description
DDECCONT31
Register Description
Bit Name
Function
Bit 7
Reserved: Must be set to 0.
Bits [6:5]
Reserved: Must be set to 00.
OVERDRIVE_MO
DE
This bit is used for a special proprietary mode between the STV2310 and the STV3500. It is called
overdrive mode. Additional VBI data is stuffed between the EAV and the SAV to raise the output clock data.
0: Overdrive output mode disabled
1: Overdrive output mode enabled
OVERDRIVE_
SEL[1:0]
Selection of frequency shift in the overdrive mode
It is only active when the overdrive mode has been selected.
The n value provided by the OVERDRIVE_SEL[1:0] register will determine the number of bytes added in
each preamble according to: number of bytes added = n x 32 bytes.
Bit 1
Reserved: Must be set to 0.
Bit 0
Reserved: Must be set to 0.
Address (hex): 30h
Reset Value (bin): 0000 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
Function
Bit 7
Reserved: Must be set to 0.
Bits [6:0]
Reserved: Must be set to 000 0000.
Address (hex): 31h
Reset Value (bin): 0010 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AGC_DIS
CVBSAGCGAIN[5:0]
Bit Name
Function
Bit 7
Reserved: Must be set to 0
AGC_DIS
Disabling AGC
0: Normal mode (AGC is not disabled)
1: Test mode (AGC is disabled) Forced DAC command as specified by CVBSAGCGAIN.
CVBSAGCGAIN
[5:0]
Forced value of CVBS AGC when in Forced Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com