Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 37Page - STMicroelectronics STV2310 Datasheet HTML 38Page - STMicroelectronics STV2310 Datasheet HTML 39Page - STMicroelectronics STV2310 Datasheet HTML 40Page - STMicroelectronics STV2310 Datasheet HTML 41Page - STMicroelectronics STV2310 Datasheet HTML 42Page - STMicroelectronics STV2310 Datasheet HTML 43Page - STMicroelectronics STV2310 Datasheet HTML 44Page - STMicroelectronics STV2310 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
41/112
STV2310
Functional Description
To force the pass through mode, use the PASSTHROUGH_EN bit in the DDECCONT38 register.
To shift the external Hsync pulse, use the HSYNCSHIFT_DEL[1:0] and HSYNCSHIFT_EN bits in
the DDECCONT22 register.
Cr Cb attenuation are controlled by the DDECCONT37 and the DDECCONT38 registers.
The output blanking modes are controlled by the OUTBEHAV_BLANK2 and OUTBEHAV_BLANK1
bits in the DDECCONT38 register.
Output clipping is controlled by the DDECCONT18 register bit [2].
The PLLLOCK, HSYNC, VSYNC and FIELD pins may have bus extension functions. This is done
by programming the OUTBUS [7:0] bits in the DDECCONT7 register.
The PLLLOCK pin has a second alternate IRQ (Interrupt Request) function, selected by the
PLLLOCKIT_EN bit in the DDECCONT35 register.
Note:
By default, the PLLLOCK, HSYNC, VSYNC, and FIELD pins are used for their primary functions.
4.13
VBI Data Slicing and Insertion
The following standards are supported by the VBI Data Slicer (see Table 14). After slicing, VBI data
is embedded in the output stream, using the intervals between the End of Active Video (EAV) and
the Start of Active Video (SAV) codes of each line and formatted according to the ancillary
sequences in compliance with specification ITU-R BT.656. VBI data is inserted in the Output FIFO.
Table 13: Output PLL Alternate Functions
Bitfield
Description
OUTBUS[0]
0: Standard function.
1: PLLLOCK = OUTBUS[1]
OUTBUS[6]
0: Standard function.
1: FIELD = OUTBUS[7]
OUTBUS[4]
0: Standard function.
1: VSYNC = OUTBUS[5]
OUTBUS[2]
0: Standard function.
1: HSYNC = OUTBUS[3]
Table 14: VBI Slicing Standards
VBI Standards
TV Systems
(lines/freq.)
TV Lines1
1. Lines are numbered in compliance with specification ITU-R BT.470.
Bit Rate
(Mbit/s)
Modulation
Bytes per
Line
Teletext B WST
625/50
6 to 22
6.9375
NRZ
45
VPS
625/50
16
2.5000
Bi-phase
15
WSS
625/50
23
0.8333
Bi-phase
14 bits of data
Closed Caption
625/50
21/22
0.5035
NRZ
3
Teletext B-WST1
525/60
10 to 21
5.727272
NRZ
37
Closed Caption
525/60
21
0.5035
NRZ
3
Gemstar
525/60
21
1.007
NRZ
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com