Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 62Page - STMicroelectronics STV2310 Datasheet HTML 63Page - STMicroelectronics STV2310 Datasheet HTML 64Page - STMicroelectronics STV2310 Datasheet HTML 65Page - STMicroelectronics STV2310 Datasheet HTML 66Page - STMicroelectronics STV2310 Datasheet HTML 67Page - STMicroelectronics STV2310 Datasheet HTML 68Page - STMicroelectronics STV2310 Datasheet HTML 69Page - STMicroelectronics STV2310 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 112 page
background image
Register List
STV2310
66/112
DDECCONTD
Register Description
DDECCONTE
Register Description
Address (hex): 0Dh
Reset Value (bin): 0011 0100
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STI_NB_FIELDS_FALSE
[1:0]
STI_OK_ON
CE_OR_MO
RE
DEM_CKILL_CTRL[1:0]
Bit Name
Function
Bit 7
Reserved: Must be set to 0.
STI_NB_FIELDS
_FALSE[1:0]
Number of Fields where Identification is lost before declaring Loss of Identification
The STI_NB_FIELDS_FALSE bits are related to the standard identification algorithm. These bits are
operational on all standards. They operate in the tracking phase when a standard has been recognized.
They determine the number of successive fields to reach when at least one of the criteria associated with
the standard is no longer met: the standard is then considered as lost.
00: 1 field10: 7 fields
01: 3 fields11: 15 fields
Bit 4
Reserved. Must be set to 1.
STI_OK_ONCE_
OR_MORE
Number of trials before standard is officially recognized
The STI_OK_ONCE_OR_MORE bit is related to the internal standard identification algorithm and provides
some flexibility in the standard identification. This bit is operational for all standards. As previously
described, up to 8 standards can be entered in the Automatic Standard Identification table. One (or more)
standard can be written more than once in that table (e.g. 4 times SECAM and 4 times PAL BGDHI). The
complete standard identification table is screened and tried before a decision can be made on identification
(one trial per table entry, succesful or not).
When a standard has been programmed more than once and when this bit is set, all trials for all entries of
that standard in the Automatic Standard Identification table must be successful before the standard is
declared identified.
When a standard has been programmed more than once and when this bit is reset, the standard is declared
identified when at least one trial was successful.
(Note that the information presented here only refers to the STI_OK_ONCE_OR_MORE bit. It does not
represent the entire standard identification algorithm.)
Bit 2
Reserved. Must be set to 1.
DEM_CKILL_
CTRL[1:0]
Color Kill Control
The Color Kill Control mode is operational for all TV standards. In Automatic mode, the color is killed until
the standard is identified.
00: Automatic (Default)10: Color always killed
01: Color never killed 11: Automatic (Same as 00) with Burst Amplitude control (see DDECCONT0F)
Address (hex): 0Eh
Reset Value (bin): 0010 0110
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com