Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 92Page - STMicroelectronics STV2310 Datasheet HTML 93Page - STMicroelectronics STV2310 Datasheet HTML 94Page - STMicroelectronics STV2310 Datasheet HTML 95Page - STMicroelectronics STV2310 Datasheet HTML 96Page - STMicroelectronics STV2310 Datasheet HTML 97Page - STMicroelectronics STV2310 Datasheet HTML 98Page - STMicroelectronics STV2310 Datasheet HTML 99Page - STMicroelectronics STV2310 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 112 page
background image
Register List
STV2310
96/112
DDECCONTFF
Register Description
5.5
Status Registers
DDECSTAT1
Register Description
Bit Name
Function
INTERDET_ACK
Acknowledge for interrupt on INTERLACED_DETECTED status change
VCRDET_ACK
Acknowledge for interrupt on VCR_DETECTED status change
INSERDET_ACK
Acknowledge for interrupt on INSER_DETECTED status change
FBDET_ACK
Acknowledge for interrupt on FB_DETECTED status change
PLLLOCK_ACK
Acknowledge for interrupt on PLLLOCK status change
VLOCK_ACK
Acknowledge for interrupt on VLOCK status change
HLOCK_ACK
Acknowledge for interrupt on HLOCK status change
TVSTDID_ACK
Acknowledge for interrupt on TVSTDID status change
Address (hex): 7Eh - Write Only
Reset Value (bin): 0000 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VSYNCNST
D_ACK
TRICKDET_A
CK
Bit Name
Function
Bits[7:3]
Reserved.
Bit 2
Reserved
VSYNCNSTD_AC
K
Acknowledge for interrupt on VSYNCLOCK_NOSTD status change
TRICKDET_ACK
Acknowledge for interrupt on TRICKMODE_DETECTED status change
Address (hex): 80h - Read Only
Reset Value (bin): 00
01 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STVDDECVERS[7:0]
Bit Name
Function
STVDDECVERS
[7:0]
This block is hardwired in every STV2310 cut.
[7:4]: for Full Layer cuts (0001 is Cut 1.0, 0010 is Cut 2.0)
[3:0]: for Metal Fix cuts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com