Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 50Page - STMicroelectronics STV2310 Datasheet HTML 51Page - STMicroelectronics STV2310 Datasheet HTML 52Page - STMicroelectronics STV2310 Datasheet HTML 53Page - STMicroelectronics STV2310 Datasheet HTML 54Page - STMicroelectronics STV2310 Datasheet HTML 55Page - STMicroelectronics STV2310 Datasheet HTML 56Page - STMicroelectronics STV2310 Datasheet HTML 57Page - STMicroelectronics STV2310 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 112 page
background image
Register List
STV2310
54/112
5
Register List
This section lists the Control and Status registers for the I²C interface. Registers are called as
output ports and are named as follows:
● DDECCONT[n][7:0] for non-VBI Control registers
● DDECSTAT[n][7:0] for Status registers (Read Only)
● VBICONT[n][7:0] for VBI Control registers
5.1
Register Map
Name
Add.
(h)
Reset Value
(Bin)
Register Function and Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DDECCONT0 00h
0000 0100
VSYNC
TYPE
PIXMODE
ACT
EDGE
CVBS
MUX
OUTTRI
STATE
SVIDEO
SEL
5060MODE[1:0]
DDECCONT1 01h
0011 1111
BLANKMODE[1:0]
AUTOSTD[5:0]
DDECCONT2 02h
0100 1001
PEDESTAL
_REMOVE
AUTOSTD[11:6]
DDECCONT3 03h
0001 0111
AUTOSTD[17:12]
DDECCONT4 04h
0000 0001
AUTOSTD[23:18]
DDECCONT5 05h
0010 0000
CRCBOVE
R_EN
FBLANKMODE[2:0]
YCRCB_
MODE
PHSHFT_
DIS
DDECCONT6 06h
0000 0001
MIX_SLOPE[7:0]
DDECCONT7 07h
0000 0000
OUTBUS[7:0]
DDECCONT8 08h
1111 1111
ZOOMIN_FACT[9:2]
DDECCONT9 09h
0100 0000
ZOOMOUT_FACT[9:2]
DDECCONTA 0Ah
0000 0000
ZOOMIN_OFFSET[9:2]
DDECCONTB 0Bh
1100 0000
ZOOMIN_FACT[1:0]
ZOOMOUT_FACT
[1:0]
ZOOMIN_OFFSET
[1:0]
ZOOMOUT
_EN
ZOOMIN_
EN
DDECCONTC 0Ch
0000 0000
SPC_CORING[1:0]
ALL_NTSC_HUE_VALUE[5:0]
DDECCONTD 0Dh
0011 0100
STI_NB_FIELDS_FALS
E
[1:0]
STI_OK_O
NCE_OR_
MORE
DEM_CKILL_CTRL[1:0]
DDECCONTE 0Eh
0010 0110
DDECCONTF 0Fh
0000 0000
DEM_CKILL_LVL[2:0]
DEM_CKILL_LVL[4:0]
DDECCONT1
0
10h
0001 0000
SPC_NTS
C_FLESH_
PH
SPC_NTS
C_FLESH_
EN
DDECCONT1
1
11h
1000 1000
SYNC_SLICE_LEVEL[3:0]
DDECCONT1
2
12h
0000 0000
SPC_NTS
C_GREEN
_EN
TINTANGLE[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com