Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 3Page - STMicroelectronics STV2310 Datasheet HTML 4Page - STMicroelectronics STV2310 Datasheet HTML 5Page - STMicroelectronics STV2310 Datasheet HTML 6Page - STMicroelectronics STV2310 Datasheet HTML 7Page - STMicroelectronics STV2310 Datasheet HTML 8Page - STMicroelectronics STV2310 Datasheet HTML 9Page - STMicroelectronics STV2310 Datasheet HTML 10Page - STMicroelectronics STV2310 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
7/112
STV2310
General Description
either by an embedded crystal oscillator or an external clock generator (27 MHz).The only
exception is the output stage which operates at the line-locked output pixel clock frequency.
Figure 2: Architectural Block Diagram
Standard Identifier
PAL/NTSC/SECAM
Analog
Input
VBI Slicer
Soft Mixer
Format Converter
I²C
Interface
CVBS1/Y
CVBS2/Y
C
R/Cr
G
B/Cb
FB
YCrCb[7:0]
HSYNC
VSYNC
Line-locked
& Chroma Demodulator
& Output Scaler
27 MHz
Field
Input
SRC
Luma
Chroma
Separator
Synchronization
and Monitoring Unit
Stage
Output FIFO
Line-locked Output Pixel Clock
Video Correction
RGB/CrCb
System
Clock
Generation
Ouput Pixel
Clock
SDA
SCL
CLKSEL
CLKXTH
PLLLOCK/IRQ
4H/2D
Comb
Filter
Processing
CrCb Tint
RGB Gain
FB Delay
Adaptive Luminance Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com