Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 10Page - STMicroelectronics STV2310 Datasheet HTML 11Page - STMicroelectronics STV2310 Datasheet HTML 12Page - STMicroelectronics STV2310 Datasheet HTML 13Page - STMicroelectronics STV2310 Datasheet HTML 14Page - STMicroelectronics STV2310 Datasheet HTML 15Page - STMicroelectronics STV2310 Datasheet HTML 16Page - STMicroelectronics STV2310 Datasheet HTML 17Page - STMicroelectronics STV2310 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 112 page
background image
Functional Description
STV2310
14/112
4
Functional Description
4.1
Analog Input Stage
4.1.1
General Description
The Analog Input Stage provides the interface between the incoming video signals and the Analog-
to-Digital Converters (ADC) using Clamp and Automatic Gain Control (AGC) stages to fit the analog
signals to the ADC range.
Several video sources are processed in this stage:
● CVBS signals from a broadcast signal or the SCART connector.
● S-Video (Y/C) signals coming from an external video source (VCR, DVD, STB).
● RGB signals with Fast Blanking (FB) input coming from the SCART connector.
● Analog YCrCb signals coming from a DVD player (1H interlaced).
The CVBS/Y signal from the selected input channel goes through an automatic clamp and a
Programmable Gain Amplifier (PGA) circuit. The clamping circuit automatically adjusts the black
level to a programmable A/D output digital code. The clamp voltage is stored on the input coupling
capacitor (22 nF, external to the STV2310). The PGA automatically adjusts the input signal
Figure 5: Analog Input Stage Functional Block Diagram
FB
R_CR
G
B_CB
CVBS1/Y
CVBS2/Y
C
Chroma Bias
Composite and Luminance Input Channels
8-bit
ADC
Chrominance Input Channel
8-bit
ADC
8-bit
ADC
8-bit
ADC
B_CB Clamp Control
RGB and Fast Blanking Input Channels
Anti-Aliasing Filter
ADC Bias 2
6-bit
Interpolator
Controller
G Clamp Control
Controller
R_CR Clamp Control
Controller
10-bit
ADC
ADC Bias 1
PGA
Analog
Switch
CVBS Clamp
Control
±6 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com