Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 1 Page - STMicroelectronics

  STV2310 Datasheet HTML 1Page - STMicroelectronics STV2310 Datasheet HTML 2Page - STMicroelectronics STV2310 Datasheet HTML 3Page - STMicroelectronics STV2310 Datasheet HTML 4Page - STMicroelectronics STV2310 Datasheet HTML 5Page - STMicroelectronics STV2310 Datasheet HTML 6Page - STMicroelectronics STV2310 Datasheet HTML 7Page - STMicroelectronics STV2310 Datasheet HTML 8Page - STMicroelectronics STV2310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
DATASHEET
December 2004
Revision 3.1
eDocs No. CD00003507
STMicroelectronics Confidential
1/112
®
MAIN FEATURES
■ Worldwide TV Standards Compatible
■ Automatic NTSC/PAL/SECAM Digital Chroma
Decoder
■ NTSC/PAL Adaptive 4H/2D Comb Filter
■ VBI Data Slicer for Teletext, Closed Caption,
WSS and other systems
■ Analog RGB/Fast Blanking Capture and
Insertion in YCrCb Output Flow (SCART
legacy)
■ Analog YCrCb inputs with Tint Control
■ 10-bit, 30-MSPS A/D Converter for Y/CVBS
input
■ 8-bit, 30-MSPS A/D Converter for C and RGB/
CrCb inputs
■ Hue control and automatic flesh control for
NTSC CVBS/YC signals
■ Programmable Horizontal Scaling (x0.25 to
x4 Scaling Factor) and Panorama Vision
■ Copy-Protection System compatible
■ H and V Synchronisation Processing that is
robust to non-standard sources such as
VCR, and to weak and noisy signals
■ 8-bit Pixel Output Interface Line-Locked ITU-
R BT_656/601 or square pixel YCrCb outputs
■ Single System Clock for all Video Input
Formats
■ Two-wire I²C Bus Interface up to 400 kHz
■ Typical Power Consumption: 550 mW
■ Power Supply: 1.8 V and 3.3 V
The STV2310 is a high-quality front-end video
circuit for processing all analog NTSC/PAL/SECAM
standards into a 4:2:2 YCrCb digital video format
,as well as conventional analog RGB or YCrCb
signals. The STV2310 is programmable through an
I²C interface.
The STV2310 provides a cost-effective solution for
digitized TV, LCD TV/monitors, digital TV, STB,
video surveillance/security, video conferencing,
video capturing devices and PC video card.
It can be used as a stand-alone chip working with
third-party products, as a companion chip to the TV
processor STV3500, STV3600 for digitized 100-Hz/
ProScan CRT TVs, or as a companion chip to the
TV processor STV3550 for LCD-TVs.
TQFP64 10x10x1.4 mm
(Thin Quad Flat Package)
ORDER CODE: STV2310SD/SDT
TQFP64 14x14x1.4 mm
(Thin Quad Flat Package)
ORDER CODE: STV2310D/DT
STV2310
Multistandard TV Digital Video Decoder
with Adaptive Comb Filter and RGB/YCrCb Input


Similar Part No. - STV2310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Jul-2003
STV2310D STMICROELECTRONICS-STV2310D Datasheet
41Kb / 3P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Jul-2003
STV2310DT STMICROELECTRONICS-STV2310DT Datasheet
41Kb / 3P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Jul-2003
STV2310SD STMICROELECTRONICS-STV2310SD Datasheet
41Kb / 3P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Jul-2003
STV2310SDT STMICROELECTRONICS-STV2310SDT Datasheet
41Kb / 3P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Jul-2003
More results

Similar Description - STV2310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAA9051 PHILIPS-SAA9051 Datasheet
1Mb / 44P
Digital multistandard TV decoder
May 1991
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Jul-2003
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
3D comb and Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com