Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 44Page - STMicroelectronics STV2310 Datasheet HTML 45Page - STMicroelectronics STV2310 Datasheet HTML 46Page - STMicroelectronics STV2310 Datasheet HTML 47Page - STMicroelectronics STV2310 Datasheet HTML 48Page - STMicroelectronics STV2310 Datasheet HTML 49Page - STMicroelectronics STV2310 Datasheet HTML 50Page - STMicroelectronics STV2310 Datasheet HTML 51Page - STMicroelectronics STV2310 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
Functional Description
STV2310
48/112
● VPUD31: This byte provides the MSB contents of VPS byte 13.
ASM[5:0]Announced start minute.
NC[3:0]Nationality code which is used to identify the source of the item.
● VPUD40: This byte provides the LSB contents of VPS byte 14.
● VPUD41: This byte provides the MSB contents of VPS byte 14.
NC[3:0]Nationality code which is used to identify the source of the item.
PSC[5:0]Program source code used to identify the source of the item inside the country
identified in the nationality code.
● VPUDS0: This byte provides the result of data coding checks.
● VPUDS1: This byte provides the result of data coding checks.
VPSVDA:Valid VPS Data. This bit is set when the VPS Start code has been matched and a full
VPS data flow has been sliced. When this bit is reset, it indicates that at least part of the VPS
data flow has not been received (in case of a too short TV line, for example).
VPSER1:Bi-phase error in the 1st VPS Byte. Data is written but there was a bi-phase error.
VPSER2:Bi-phase error in the 2nd VPS Byte. Data is written but there was a bi-phase error.
VPSER3:Bi-phase error in the 3rd VPS Byte. Data is written but there was a bi-phase error.
VPSER4:Bi-phase error in the 4th VPS Byte. Data is written but there was a bi-phase error.
VPSER5:Bi-phase error in the 5th VPS Byte. Data is written but there was a bi-phase error.
UDW Coding for WSS
In Wide Screen Signaling (WSS), a nibble split algorithm is applied. In all bytes, bit 6 is the even
parity check of bits 5 to 0. Bit 7 is the complement of bit 6.
● WSUD00: This byte provides the LSB contents of the WSS 1st group of data.
bit
7
65
432
10
0
0
ASM5
ASM4
ASM3
ASM2
bit
765
43
210
0
0
PSC3
PSC2
PSC1
PSC0
bit
765
43
210
0
0
NC1
NC0
PSC5
PSC4
bit
765
43
210
0
0
VPSER4
VPSER3
VPSER2
VPSER1
bit
765
43
210
0
0
0
0
VPSVDA
VPSER5
Table 20: UDW Coding for WSS
ADF
DID
SDID
DC
WSUD
00
WSUD
01
WSUD
10
WSUD
11
WSUD
20
WSUD
21
WSUD
30
WSUD
31
CS
bit
765
43
210
0
0
WSS3
WSS2
WSS1
WSS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com