Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 66Page - STMicroelectronics STV2310 Datasheet HTML 67Page - STMicroelectronics STV2310 Datasheet HTML 68Page - STMicroelectronics STV2310 Datasheet HTML 69Page - STMicroelectronics STV2310 Datasheet HTML 70Page - STMicroelectronics STV2310 Datasheet HTML 71Page - STMicroelectronics STV2310 Datasheet HTML 72Page - STMicroelectronics STV2310 Datasheet HTML 73Page - STMicroelectronics STV2310 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
Register List
STV2310
70/112
DDECCONT16
Register Description
DDECCONT17
Register Description
Address (hex): 16h
Reset Value (bin): 0111 1010
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SATLMTLN[1:0]
SATLMTPT[1:0]
SMHITH[1:0]
ACTITH[1:0]
Bit Name
Function
SATLMTLN[1:0]
SATLMTPT[1:0]
AGC Saturation Limit (Points/Lines)
The SATLMTPT[1:0] and SATLMTLN[1:0] bits are used to program the CVBS Saturation Threshold. It is
expressed as a number of samples per field (when, according to the algorithm, the number of samples is
reached, the gain is decreased). The formula for the threshold computation is the following:
Threshold = 1 + 4 x SATLMTPT[1:0] +16 x SATLMTLN[1:0]
SMHITH[1:0]
AGC SMHI Threshold Value
This bitfield defines the Luma Low Signal Detection Threshold (when, according to the algorithm, the luma
signal remains under that threshold, the gain is increased). The threshold is defined as an ADC (10 bit)
code output according to the following formula:
Threshold = 772 + 8 x SMHITH[1:0] (Default = 772 + 8 x 2)
ACTITH[1:0]
AGC ACTI Threshold Value
This bitfield defines the Luma Saturation Threshold (when, according to the algorithm, the luma signal
overtakes that threshold, the gain is decreased). The threshold is defined as an ADC (10 bit) code output
according to the following formula:
Threshold = 807 + 8 x ACTITH[1:0] (Default = 807 + 8 x 2)
Address (hex): 17h
Reset Value (bin): 0010 0100
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STI_NB_FIELDS_CONFIRM[2:0]
Bit Name
Function
Bit 7
Reserved. Must be set to 1. Recommended value: 1 (instead of 0 at reset).
Bit 6
Reserved. Must be set to 1.
STI_50_60HZ_
EN
Standard ID Enable
This bit modifies the standard identification algorithm. When this bit is set (default), the standard
identification algorithm disregards the auto identification table entries not corresponding to the 50 or 60Hz
detection performed by the synchronization block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com