Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 80Page - STMicroelectronics STV2310 Datasheet HTML 81Page - STMicroelectronics STV2310 Datasheet HTML 82Page - STMicroelectronics STV2310 Datasheet HTML 83Page - STMicroelectronics STV2310 Datasheet HTML 84Page - STMicroelectronics STV2310 Datasheet HTML 85Page - STMicroelectronics STV2310 Datasheet HTML 86Page - STMicroelectronics STV2310 Datasheet HTML 87Page - STMicroelectronics STV2310 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
Register List
STV2310
84/112
DDECCONT37
Register Description
DDECCONT38
Register Description
Address (hex): 37h
Reset Value (bin): 1111 1111
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CB_SCALING[1:0]
CR_SCALING[5:0]
Bit Name
Function
CB_SCALING
[1:0]
2 LSB for Scaling Factor for Cb data flow
The Cb data flow in the COR block is multiplied by the CB_SCALING factor.
(Each LSB of scaling factor = 1/64)
when CB_SCALING = 11 1111, the scaling factor = 1
when CB_SCALING = 00 0000, the scaling factor = 1/64
CR_SCALING
[5:0]
Scaling Factor for Cr data flow
The Cr data flow in the COR block is multiplied by the CR_SCALING factor.
(Each LSB of scaling factor = 1/64)
when CR_SCALING = 11 1111, the scaling factor = 1
when CR_SCALING = 00 0000, the scaling factor = 1/64
Address (hex): 38h
Reset Value (bin): 0010 1111
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PASSTHRO
UGH_EN
OUTBEHAV
_MOD1
OUTBEHAV
_BLANK2
OUTBEHAV
_BLANK1
CB_SCALING[5:2]
Bit Name
Function
PASSTHROUGH
_EN
Enable for the pass-through mode
The pass-through mode allows (test) lines that are sent during the Vertical Blanking interval to be sent
captured by the line memory and reissued.
OUTBEHAV_MO
D1
The OUTBEHAV_MOD1 selection bit is used to block the free run mode on the output clock when there is
no input video (HLOCK = 0).
0: Free run mode on the output clock when hlock = 0 (Default). The output data is blanked or not during the
no video state or the transient state according to the bits OUTBEHAV_BLANK1 and OUTBEHAV_BLANK2.
(See above)
1: The output clock follows the search performed by the input PLL. (This mode is mainly used for debug
reasons.)
OUTBEHAV_
BLANK2
OUTBEHAV_
BLANK1
The OUTBEHAV_BLANK1 and OUTBEHAV_BLANK2 selection bits are used to program the STV2310
behaviour when there is no input video (HLOCK = 0) or when there is an input video (HLOCK = 1) but the
vertical synchronisation is not yet acquired (VLOCK = 0). They are only operational when
OUTBEHAV_MOD1 = 0. This is the normal default mode.
OUTBEHAV_BLANK1 = 0, the output FIFO is read when HLOCK = 0
OUTBEHAV_BLANK1 = 1, the output data is blanked when HLOCK = 0
OUTBEHAV_BLANK2 = 0, the output FIFO is read when HLOCK = 1 and VLOCK = 0
OUTBEHAV_BLANK2 = 1, the output data is blanked when HLOCK = 1 and VLOCK = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com