Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 82Page - STMicroelectronics STV2310 Datasheet HTML 83Page - STMicroelectronics STV2310 Datasheet HTML 84Page - STMicroelectronics STV2310 Datasheet HTML 85Page - STMicroelectronics STV2310 Datasheet HTML 86Page - STMicroelectronics STV2310 Datasheet HTML 87Page - STMicroelectronics STV2310 Datasheet HTML 88Page - STMicroelectronics STV2310 Datasheet HTML 89Page - STMicroelectronics STV2310 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 112 page
background image
Register List
STV2310
86/112
DDECCONT3C
Register Description
5.3
VBI Control Register Descriptions
VBICONT1
Register Description
Address (hex): 3Ch
Reset Value (bin): 1111 1100
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VSYNCNST
D_MASK
TRICKDET_
MASK
INTERDET_
MASK
VCRDET_M
ASK
INSERDET_
MASK
FBDET_MA
SK
Bit Name
Function
VSYNCNSTD_
MASK
Mask for interruption on change of status on VSYNCLOC_NSTD.
0: Interrupt is not masked
1: Interrupt is masked
TRICKDET_
MASK
Mask for interruption on change of status on TRICKMODE_DETECTED.
0: Interrupt is not masked
1: Interrupt is masked
INTERDET_
MASK
Mask for interruption on change of status on INTERLACED_DETECTED.
0: Interrupt is not masked
1: Interrupt is masked
VCRDET_MASK
Mask for interruption on change of status on VCR_DETECTED.
0: Interrupt is not masked
1: Interrupt is masked
INSERDET_
MASK
Mask for interruption on change of status on INSER_DETECTED.
0: Interrupt is not masked
1: Interrupt is masked
FBDET_MASK
Mask for interruption on change of status on FB_DETECTED.
0: Interrupt is not masked
1: Interrupt is masked
Bits [1:0]
Reserved. Must be set to 00.
Address (hex): 3Dh
Reset Value (bin): 0000 0001
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SLDID[5:0]
Bit Name
Function
Bits[7:6]
Reserved. Must be set to 00.
SLDID[5:0]
Bitfield Description
DID value used by the STV2310 for coding ancillary packets. (The default value is type 2, first code
reserved for 8-bit applications).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com