Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 83Page - STMicroelectronics STV2310 Datasheet HTML 84Page - STMicroelectronics STV2310 Datasheet HTML 85Page - STMicroelectronics STV2310 Datasheet HTML 86Page - STMicroelectronics STV2310 Datasheet HTML 87Page - STMicroelectronics STV2310 Datasheet HTML 88Page - STMicroelectronics STV2310 Datasheet HTML 89Page - STMicroelectronics STV2310 Datasheet HTML 90Page - STMicroelectronics STV2310 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
87/112
STV2310
Register List
VBICONT2
Register Description
VBICONT3
Register Description
Address (hex): 3Eh
Reset Value (bin): 0000 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SLFIL[5:0]
Bit Name
Function
Bits[7:6]
Reserved. Must be set to 00.
SLFIL[5:0]
Bitfield Description
Filler value used by the STV2310 for coding the filler byte in the ancillary packets. The default value is 80.
Address (hex): 3Fh
Reset Value (bin): 1000 0001
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SLICECOM
P_EN
RAWFILTOF
F_EN
WSTSLICIN
G_EN
WSTCUSTO
MFRAM
WSTEXTLIN
ES
WSTALLPACK
ETS
Bit Name
Function
Bit 7
Reserved. Must be set to 1.
SLICECOMP_EN
On the fly slicing level computation enable (only for TXT decoding)
RAWFILTOFF_E
N
Hamming filtering bypass in raw mode for TXT reception
0: The filtering is active in raw mode (Default)
1: The filtering is bypassed in raw mode
WSTSLICING_E
N
WST Slicing Enable
0: (WST) data slicing is disabled
1: (WST) data slicing is authorised
Note that this bit is used at the top level to control the equalizer
WSTCUSTOMFR
AM
WST search with new framing code enable
0: The new framing code is not enabled
1: The new framing code (provided in register VBICONT4[7:0] = SLCORE[15:8]) is enabled
WSTEXTLINES
WST extended slicing window enable
0:
1: The WST search starts at line 2
WSTALLPACKET
S
WST slicing of all packets enable
0: Only service packets X/30 and X/31 are sampled
1: all packets are sampled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com