Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 96Page - STMicroelectronics STV2310 Datasheet HTML 97Page - STMicroelectronics STV2310 Datasheet HTML 98Page - STMicroelectronics STV2310 Datasheet HTML 99Page - STMicroelectronics STV2310 Datasheet HTML 100Page - STMicroelectronics STV2310 Datasheet HTML 101Page - STMicroelectronics STV2310 Datasheet HTML 102Page - STMicroelectronics STV2310 Datasheet HTML 103Page - STMicroelectronics STV2310 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 112 page
background image
Electrical Characteristics
STV2310
100/112
6
Electrical Characteristics
6.1
Absolute Maximum Ratings
6.2
Thermal Data
6.3
Operating Conditions
6.4
CVBS/Y/C Analog Inputs
TAMB = 25 °C, VCC33 = 3.3 V, VCC18 = 1.8 V
Symbol
Parameter
Min.
Typ.
Max.
Unit
V3.3V
3.3 V Supply Voltage
3.8
V
V1.8V
1.8 V Supply Voltage
2.2
V
VESD
Capacitor 100 pF discharged via 1.5 k
Ω serial resistance
(Human Body Model)
±4
kV
TOPER
Operating Temperature
0
+70
°C
TSTG
Storage Temperature
−55
+150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
RthJA
Junction-ambient Thermal Resistance (TQFP64, 14x14x1.4mm)
two layer PCB, one copper ground layer
50
°C/W
RthJA
Junction-ambient Thermal Resistance (TQFP64, 10x10x1.4mm)
two layer PCB, one copper ground layer
60
°C/W
Symbol
Parameter
Min.
Typ.
Max
Unit
V1.8V
1.8 V Supply Voltage
1.6
1.8
2.0
V
V3.3V
3.3 V Supply Voltage
3.0
3.3
3.6
V
fMC
Master Clock Frequency
27
MHz
ICC1.8V
1.8V Supply Current
235
mA
ICC3.3V
3.3V Supply Current
40
mA
Symbol
Parameter
Min.
Typ.
Max
Unit
VIN_CVBS/Y
Y/CVBS Sync to Peak Chroma Input Voltage (Anti-Aliasing Filter
with Attenuation = 0.75, Standard Color bar 100%); AGC active
.74
1.24
2.08
VPP
AGC
AGC Range on Y/CVBS inputs
±6
dB
G_Step
AGC Step
0.19
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com