Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 98Page - STMicroelectronics STV2310 Datasheet HTML 99Page - STMicroelectronics STV2310 Datasheet HTML 100Page - STMicroelectronics STV2310 Datasheet HTML 101Page - STMicroelectronics STV2310 Datasheet HTML 102Page - STMicroelectronics STV2310 Datasheet HTML 103Page - STMicroelectronics STV2310 Datasheet HTML 104Page - STMicroelectronics STV2310 Datasheet HTML 105Page - STMicroelectronics STV2310 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 112 page
background image
Electrical Characteristics
STV2310
102/112
6.6
FB Input
6.7
Analog-to-Digital Converter (ADC)
6.8
Analog Reference Levels
6.9
YCrCb, Hsync, Vsync, Field and PLL Lock Outputs
Symbol
Parameter
Min.
Typ.
Max
Unit
VIL
FB Input Voltage Low Level
0.4
V
VIH
FB Input Voltage High Level
1.0
V
IL
FB Input Leakage Current
1
µA
Symbol
Parameter
Min.
Typ.
Max
Unit
10-bit ADC for CVBS Input
B
Analog Bandwidth
15
MHz
fCLK
ADC Clock Frequency
27
MHz
ED
Differential Linearity Error (DLE)
1
LSB
EL
Integral Linearity Error (ILE)
2
LSB
8-bit ADCs for RGB/C Inputs
B
Analog Bandwidth
15
MHz
fCLK
ADC Clock Frequency
27
MHz
ED
Differential Linearity Error (DLE)
1
LSB
EL
Integral Linearity Error (ILE)
2
LSB
Gmatch
RGB Gain Matching
0.5
1.5
%
Symbol
Parameter
Min.
Typ.
Max
Unit
REFP_CVBS
REFP_CVBS Pin Level
750
mV
Videocomm
Videocomm Pin Level
1.2
V
REFP_RGB
REFP_RGB Pin Level
750
mV
REFM_RGB
REFM_RGB Pin Level
375
mV
Symbol
Parameter
Min.
Typ.
Max
Unit
VOL
Low Level Output Voltage (IOUT = 2 mA)
0.4
V
VOH
High Level Output Voltage (IOUT = 2 mA)
2.4
V
tr
Rise Time
3ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com