Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 102Page - STMicroelectronics STV2310 Datasheet HTML 103Page - STMicroelectronics STV2310 Datasheet HTML 104Page - STMicroelectronics STV2310 Datasheet HTML 105Page - STMicroelectronics STV2310 Datasheet HTML 106Page - STMicroelectronics STV2310 Datasheet HTML 107Page - STMicroelectronics STV2310 Datasheet HTML 108Page - STMicroelectronics STV2310 Datasheet HTML 109Page - STMicroelectronics STV2310 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 112 page
background image
Electrical Characteristics
STV2310
106/112
Note:
The STV2310 device can be interfaced with +3.3 V or +5.0 V logic levels.
CL
Load Capacitance
400
pF
CI
Input Capacitance
10
pF
I²C Timing
tLOW
Clock Low period
1.3
µs
tHIGH
Clock High period
0.6
µs
tSU,DAT
Data Set-up Time
100
ns
tHD,DAT
Data Hold Time
0
900
ns
tSU,STO
Set-up Time from Clock High
to Stop
0.6
µs
tBUF
Start Set-up Time following a
Stop
1.3
µs
tHD,STA
Start Hold Time
0.6
µs
tSU,STA
Start Set-up Time following
Clock Low to High Transition
0.6
µs
Figure 19: I²C Bus Timing
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
tBUF
tLOW
tHIGH
tHD,STA
tR
tF
tSU,STA
tHD,DAT
tSU,DAT
tSU,STO
SDA
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com