Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 55Page - STMicroelectronics STV2310 Datasheet HTML 56Page - STMicroelectronics STV2310 Datasheet HTML 57Page - STMicroelectronics STV2310 Datasheet HTML 58Page - STMicroelectronics STV2310 Datasheet HTML 59Page - STMicroelectronics STV2310 Datasheet HTML 60Page - STMicroelectronics STV2310 Datasheet HTML 61Page - STMicroelectronics STV2310 Datasheet HTML 62Page - STMicroelectronics STV2310 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
59/112
STV2310
Register List
DDECCONT1
Register Description
PIXMODE
Pixel Mode Selection
In Square Pixel mode, the number of Y, Cr and Cb components depends on the standard as shown in
Table 12. The output line locked frequency (CLK_DATA) will also change according to the standard.
0: Normal Pixel mode (Default)
1: Square Pixel mode
ACTEDGE
Data is output from the STV2310 on the following pads: FIELD, VSYNC, HSYNC, PLLLOCK and
YCRCB[7:0]. It is synchronous to the CLK_DATA output clock either on the rising or falling edge depending
on this option.
0: Clock falling edge is active edge (Default)
1: Clock rising edge is active edge
CVBSMUX
Y/CVBS Input Selection
0: Y/CVBS1 input (Default)
1: Y/CVBS2 input
OUTTRISTATE
Pad Tristate Mode
The pad tristate mode depends on the chip I2C address.
If the I2C default chip address is chosen:
0: Output digital pads in Output mode (Default)
1: Output digital pads in Tristate mode
If the I2C spare chip address is chosen:
0: Output digital pads in Tristate mode (Default)
1: Output digital pads in Output mode
Note that only the following pads can be in Tristate mode: FIELD, VSYNC, HSYNC, PLLLOCK, CLK_DATA
and YCRCB[7:0]. The I2C pads are never in Tristate mode.
SVIDEOSEL
CVSB/S-Video Selection
The S-video mode notifies the STV2310 that the chroma and luma signals are already separated.
0: S-Video Input
1: CVBS Input (Default)
5060MODE[1:0]
Vsync Search Mode and initial Free-running Mode
These bits provide the starting point for the Vsync extraction mechanism. 50-Hz or 60-Hz input standards
are expected. The options are to look exclusively for 50-Hz or 60-Hz standards (Forced 50 or 60) or to
search for all standards with a priority in the search mechanism (Auto 50 or 60).
00: Auto 50: Automatic search mode starting with 50-Hz standards. (Default)
01: Forced 60: Search mode forced to 60-Hz standards only.
10: Forced 50: Search mode forced to 50-Hz standards only.
11: Auto 60: Automatic search mode starting with 60-Hz standards.
Address (hex): 01h
Reset Value (bin): 0011 1111
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BLANKMODE[1:0]
AUTOSTD[5:0]
Bit Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com