Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 64Page - STMicroelectronics STV2310 Datasheet HTML 65Page - STMicroelectronics STV2310 Datasheet HTML 66Page - STMicroelectronics STV2310 Datasheet HTML 67Page - STMicroelectronics STV2310 Datasheet HTML 68Page - STMicroelectronics STV2310 Datasheet HTML 69Page - STMicroelectronics STV2310 Datasheet HTML 70Page - STMicroelectronics STV2310 Datasheet HTML 71Page - STMicroelectronics STV2310 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
Register List
STV2310
68/112
DDECCONT11
Register Description
DDECCONT12
Register Description
Address (hex): 11h
Reset Value (bin): 1000 1000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SYNC_SLICE_LEVEL[3:0]
Bit Name
Function
SYNC_SLICE_LE
VEL[3:0]
Slicing Level Value
The horizontal PLL requires a slicing level . This bitfield indicates the slicing level as a fraction between the
blanking and the sync tip level. The blanking level is used as the reference level for the clamp mechanism.
(See also bit BLANKMODE[1:0] in register
DDECCONT1). The sync tip level is computed from the input
video signal by the synchronization mechanism.
0000: Slicing Level = Blank Level
1111: Slicing Level = (Blank – sync tip )/16 + sync tip
Bits[3:0]
Reserved. Must be set to 0000.
Address (hex): 12h
Reset Value (bin): 0000 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPC_NTSC
_GREEN_E
N
TINTANGLE[4:0]
Bit Name
Function
Bits[7:6]
Reserved. Must be set to 00.
SPC_NTSC_GRE
EN_EN
Green Enhancement Mode Enable
The Green Enhancement mechanism is applied to the CVBS flow only and is only valid for the NTSC M and
the NTSC 4.43 standards. The green tone axis has been defined as flesh tone axis + 90 degrees in the
vectorscope representation (i.e. 213 or 207 degrees). Green enhancement is only performed during the
active line. Green enhancement operates through saturation increase. Saturation increase factor k is a
linear function of the color phase distance to green axis.
k = 1 for color phase - green axis = ± 22.5 degrees (minimum value)
k = 1.2 for color phase = green axis (maximum value)
(k always 1 when color phase not at 22.5 degrees of green axis)
0: Green Enhancement mode is disabled.
1: Green Enhancement mode is enabled.
TINTANGLE[4:0]
Tint Angle
The Tint Angle is applied to the Cr and Cb values of the RGB data flow after the RGB to YCrCb conversion.
The Tint Angle is coded from -20° to +20° in steps of 1.33°. The bitfield is coded in 2's complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com