Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 11Page - STMicroelectronics STV2310 Datasheet HTML 12Page - STMicroelectronics STV2310 Datasheet HTML 13Page - STMicroelectronics STV2310 Datasheet HTML 14Page - STMicroelectronics STV2310 Datasheet HTML 15Page - STMicroelectronics STV2310 Datasheet HTML 16Page - STMicroelectronics STV2310 Datasheet HTML 17Page - STMicroelectronics STV2310 Datasheet HTML 18Page - STMicroelectronics STV2310 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 112 page
background image
15/112
STV2310
Functional Description
magnitude by ±6 dB in 63 logarithmic steps to the optimal range of the A/D Converter. The video
signal then goes through an external anti-aliasing filter before reaching the A/D Converter. The A/D
Converter dedicated to the CVBS/Y channel has a 10-bit resolution. The A/D Converters dedicated
to the C, R_Cr, G and B_Cb channels have an 8-bit resolution.
Two independent CVBS sources can be connected to the STV2310. To process S-Video signals,
the luma signal is connected to one of the CVBS inputs and the chroma signal is connected to the
C input. RGB signals are directly connected to the three separate inputs (R_Cr, G and B_Cb). For
Analog YCrCb signals, the luma signal is connected to one of the CVBS inputs, the Cr signal is
connected to the R_CR input and the Cb signal is connected to the B_CB input.
For S-Video signals, the Y (luminance) signal is connected to the selected CVBS input. The analog
C (chrominance) input includes a bias and fixed gain circuit. The C signal is digitized by an 8-bit A/
D Converter. It is recommended that an external anti-aliasing filter be added before the C input.
Figure 6: Anti-Aliasing FIlter for CVBS Input Signals
Figure 7: Anti-Aliasing FIlter for Chroma Input Signals
ADC
VIDEOOUT
470
Ω
150
Ω
VIDEOCOMM
22 nF
C_AV
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com