Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 91Page - STMicroelectronics STV2310 Datasheet HTML 92Page - STMicroelectronics STV2310 Datasheet HTML 93Page - STMicroelectronics STV2310 Datasheet HTML 94Page - STMicroelectronics STV2310 Datasheet HTML 95Page - STMicroelectronics STV2310 Datasheet HTML 96Page - STMicroelectronics STV2310 Datasheet HTML 97Page - STMicroelectronics STV2310 Datasheet HTML 98Page - STMicroelectronics STV2310 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
95/112
STV2310
Register List
VBICONT18
Register Description
5.4
Acknowledge Registers
The acknowledge registers are used to acknowledge the interruption source. When ACK = 1, the
I²C master acknowledges the corresponding interrupt.
Warning : These 2 registers can be written by the I2C but can't be read. Each bit is reset by the I2C
slave (stv2310) one clock period after an high level has been detected.
DDECCONTFE
Register Description
Bit Name
Function
VBI_EQUALCOE
FF[2:0]
These bits select precomputed coefficients for the equaliser or let the equaliser select automatically the
best set of coefficients or impose to the equaliser the sets of coefficients programmed
000: use set 1 of coefficients
001: use set 2 of coefficients
010: use set 3 of coefficients (central or no equaliser)
011: use set 4 of coefficients
100: equaliser in automatic mode
101: use set 5 of ceofficients
110: use programmed registers (see registers VBICONT0D and VBICONT0E) for the equaliser coefficients.
Bit 4
Reserved. Must be set to 1.
Bits [3:0]
Reserved. Must be set to 0000.
Address (hex): 54h
Reset Value (bin): 0001 0010
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
Function
Bit 7
Reserved. Must be set to 0.
Bit 6
Reserved. Must be set to 0.
Bit 5
Reserved. Must be set to 0.
Bit 4
Reserved. Must be set to 1.
Bits [3:0]
Reserved. Must be set to 0010.
Address (hex): 7Eh - Write Only
Reset Value (bin): 0000 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INTERDET_
ACK
VCRDET_A
CK
INSERDET_
ACK
FBDET_AC
K
PLLLOCK_A
CK
VLOCK_AC
K
HLOCK_AC
K
TVSTDID_AC
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com