Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 21Page - STMicroelectronics STV2310 Datasheet HTML 22Page - STMicroelectronics STV2310 Datasheet HTML 23Page - STMicroelectronics STV2310 Datasheet HTML 24Page - STMicroelectronics STV2310 Datasheet HTML 25Page - STMicroelectronics STV2310 Datasheet HTML 26Page - STMicroelectronics STV2310 Datasheet HTML 27Page - STMicroelectronics STV2310 Datasheet HTML 28Page - STMicroelectronics STV2310 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 112 page
background image
25/112
STV2310
Functional Description
At the sample rate converter output, an active line is transposed into a fixed number of skew
corrected pixels, according to the selected output format (ITU-R BT.601 or square pixel). This is
used for the orthogonal display or field storage for the field-rate up-conversion, using an external
up-converter.
4.9.1.1 Square Pixel Mode
When a standard TV screen is used to display computer-generated images, Square Pixel mode is
required to ensure the correct aspect ratio in relation to the required sampling frequency of the TV
display format.
The output formatting can be performed with Normal or Square Pixel modes. For Square Pixel
mode, the number of required samples per line depends on the input standard.
4.9.1.2 Zoom-In Mode
In Zoom-In mode, a portion of the TV scan line is expanded to take all the available output samples
for that line.The zoom-in factor ranges from 1 (no zoom) to 4 (large zoom). The Zoom-In mode start
position is programmable.
Table 10: TV Display Formats
Luma Sampling Frequency
Format
Pixels/Line
13.5 MHz
ITU-R BT.601 (NTSC/PAL)
720
12.27 MHz
NTSC Square Pixel
640
14.75 MHz
PAL Square Pixel
768
Table 11: Required Samples per Line for Square Pixel Mode
Standard
Samples per Line
Y SIgnal
Cr Signal
Cb Signal
625 Lines/50 Hz
768
384
384
525 Lines/60 Hz
640
320
320
Figure 14: Zoom-In Mode
720 Samples (Y Normal Pixel Mode)
2 Examples for Zoom In Action
Programmable Offset
Input Line
Output Line
after zoom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com