Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 45Page - STMicroelectronics STV2310 Datasheet HTML 46Page - STMicroelectronics STV2310 Datasheet HTML 47Page - STMicroelectronics STV2310 Datasheet HTML 48Page - STMicroelectronics STV2310 Datasheet HTML 49Page - STMicroelectronics STV2310 Datasheet HTML 50Page - STMicroelectronics STV2310 Datasheet HTML 51Page - STMicroelectronics STV2310 Datasheet HTML 52Page - STMicroelectronics STV2310 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
49/112
STV2310
Functional Description
● WSUD01: This byte provides the MSB contents of the WSS 1st group of data.
WSSER1:WSS data group 1 error flag. This bit is set when any of the Group 1 bits (WSS[3:0])
is received with a bi-phase error.
WSS[3:0]:WSS Aspect Ratio Bits.
● WSUD10: This byte provides the LSB contents of the WSS 2nd group of data.
● WSUD11: This byte provides the MSB contents of the WSS 2nd group of data.
WSSER2:WSS data group 2 error flag. This bit is set when any of the Group 2 bits (WSS[7:4])
is received with a bi-phase error.
WSS[7:4]: WSS Enhanced Services Bits.
● WSUD20: This byte provides the LSB contents of the WSS 3rd group of data.
● WSUD21: This byte is static and provides no information.
WSSER3:WSS data group 3 error flag. This bit is set when any of the Group 3 bits
(WSS[10:8]) is received with a bi-phase error.
WSS[10:8]: WSS Subtitle Bits.
● WSUD30: This byte provides the LSB contents of the WSS 4th group of data.
● WSUD31: This byte provides the MSB contents of the WSS 4th group of data.
WSSVDA:Valid WSS Data. This bit is set when the WSS Start code has been matched and a
full WSS data flow has been sliced. When this bit is reset, it indicates that at least part of the
WSS data flow has not been received (in case of a too short TV line, for example).
WSSER4:WSS Data Group 4 Error Flag. This bit is set when any of the Group 4 bits
(WSS[13:11]) is received with a bi-phase error.
WSS[13:11]: WSS reserved Bits.
bit
765
43
210
00
00
0
WSSER1
bit
765
43
210
0
0
WSS7
WSS6
WSS5
WSS4
bit
765
43
210
00
00
0
WSSER2
bit
765
43
210
0
0
WSSER3
WSS10
WSS9
WSS8
bit
765
43
210
100
00
000
bit
765
43
210
0
0
WSSER4
WSS13
WSS12
WSS11
bit
765
43
210
00
00
0
WSSVDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com