Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 25Page - STMicroelectronics STV2310 Datasheet HTML 26Page - STMicroelectronics STV2310 Datasheet HTML 27Page - STMicroelectronics STV2310 Datasheet HTML 28Page - STMicroelectronics STV2310 Datasheet HTML 29Page - STMicroelectronics STV2310 Datasheet HTML 30Page - STMicroelectronics STV2310 Datasheet HTML 31Page - STMicroelectronics STV2310 Datasheet HTML 32Page - STMicroelectronics STV2310 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
29/112
STV2310
Functional Description
4.12
Output FIFO and Line-locked Ouput Pixel Clock Generator
4.12.1 General Description
The Output FIFO and Line-Locked Output Pixel Clock Generator block has two functions:
1
Handle the active line data received from the Output Scaler and Format Converter and the
ancillary data from the VBI slicer.
The active video line data is provided on 3 buses: Y, Cr and Cb. The output flow is on 8 bit and
multiplexes the Y, Cr and Cb flows. Before being multiplexed, a programmable attenuation can
be applied to the Cr, Cb data. For every output line, digital preambles for synchronization and
ancillary data (when available) are inserted in the output flow in compliance with standard ITU-
R BT 656.
2
Generate the Output Pixel Clock and associated signals.
A line-locked output pixel clock is generated. This output clock is a multiple of the input line
frequency. There are 4 possible multiples:
● 1716 or 1728 in Normal Pixel mode,
● 1560 or 1888 in Square Pixel mode.
When there is no input signal, the output data can be blanked in option.
When required the STV2310 is able to enlarge the vertical blanking area. On the other hand it
is possible to disable the blanking mode during the VBI, using the "pass through" mode. (The
"pass through" mode must not be selected when the TXT VBI slice is used).
4.12.2 Output Data
There are 4 data output standards which are a combination of 525/625 input standards and Normal/
Square pixel format. There are four possible multiples:
● 1716 or 1728 in Normal Pixel mode,
● 1560 or 1888 in Square Pixel mode.
For each output standard, the blanking code (Cb = 80h, Y = 10h, Cr = 80h, Y = 10h...) is used in the
active line section during the Vertical Blanking Interval (VBI). (See Figure 18.)
Table 12: Frame Output Standards
Output Standard
1
Output Standard
2
Output Standard
3
Output Standard
4
Input Standard
525/60 Hz
625/50 Hz
625/50 Hz
525/60 Hz
Pixel Format
Normal
Normal
Square
Square
Blanking (bytes)
268 + 8
280 + 8
344 + 8
272 + 8
Active Video (bytes)
1440
1440
1536
1280
Vertical Blanking
Interval1
1. Lines are numbered in compliance with specification ITU-R BT470.
Lines 1 to 19
Lines 264 to 282
Lines 1 to 22
Lines 311 to 335
Lines 624 and 625
Lines 1 to 22
Lines 311 to 335
Lines 624 and 625
Lines 1 to 19
Lines 264 to 282
Vsync SIgnal
Synchronized with the output pixel clock. See below.
Hsync Signal
Synchronized with the output pixel clock.
Field Signal
Synchronized with the Hsync signal output pixel clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com