Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 6Page - STMicroelectronics STV2310 Datasheet HTML 7Page - STMicroelectronics STV2310 Datasheet HTML 8Page - STMicroelectronics STV2310 Datasheet HTML 9Page - STMicroelectronics STV2310 Datasheet HTML 10Page - STMicroelectronics STV2310 Datasheet HTML 11Page - STMicroelectronics STV2310 Datasheet HTML 12Page - STMicroelectronics STV2310 Datasheet HTML 13Page - STMicroelectronics STV2310 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
Pin Allocation and Description
STV2310
10/112
40
GND_CLK
Analog Ground Supply for Clock Generator
45
SHIELD
Guard Ring (Analog Input Stage) To be connected to Analog Ground Supply
49
VCC18_RGB
1.8 V Analog Voltage Supply (RGB)
50
GND_RGB
Analog Ground Supply (RGB)
54
VCC18_DIG
1.8 V Analog Voltage Supply (Analog Input Stage)
55
GND_DIG
Analog Ground Supply (Analog Input Stage)
56
GND_IO
Analog Ground Supply (Analog Input Stage)
57
VCC33_IO
3.3 V Analog Voltage Supply (Analog Input Stage)
64
GND_CVBS
Analog Ground Supply (Analog Input Stage)
Digital
4
VDD18_CORE
1.8 V Digital Voltage Supply (Digital Core)
5
VSS
Digital Ground Supply (Digital Core)
7
VDD18_CORE
1.8 V Digital Voltage Supply (Digital Core)
8
VSS
Digital Ground Supply (Digital Core)
11
VDD18_CORE
1.8 V Digital Voltage Supply (Digital Core)
12
VSS
Digital Ground Supply (Digital Core)
14
VDD33_IO
3.3 V I/O Voltage Supply (Digital Core)
15
VSS_IO
I/O Ground Supply
17
VDD18_CORE
1.8 V Digital Voltage Supply (Digital Core)
18
VSS
Digital Ground Supply (Digital Core)
23
VSS_IOOUT
Output Ground Supply (Output Stage)
24
VDD33_OUT
3.3 V Output Voltage Supply (Output Stage)
29
VDD18_OUT
1.8 V Digital Voltage Supply (Output Stage)
30
VSS_OUT
Digital Ground Supply (Output Stage)
Table 2: Analog Pins (page 1 of 2)
Pin
Pin Name
Pin Description
2
CVBS2_Y
CVBS or Y Input 2 (Selected by programming)
3
C
Chroma Input (Y/C inputs used for S-Video) (Selected by programming)
46
FB
Fast Blanking Input (To be used only when R_CR, G, and B_CB inputs are connected)
47
REFP_RGB
Positive Reference Voltage for RGB ADCs
48
REFM_RGB
Negative Reference Voltage for RGB ADCs
51
R_CR
R Input for RGB Insertion. Cr Input for Analog YCrCb mode.
52
G
G Input for RGB Insertion.
53
B_CB
B Input for RGB Insertion. Cb Input for Analog YCrCb mode.
Table 1: Power Supply Pins (page 2 of 2)
Pin
Pin Name
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com