Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 41Page - STMicroelectronics STV2310 Datasheet HTML 42Page - STMicroelectronics STV2310 Datasheet HTML 43Page - STMicroelectronics STV2310 Datasheet HTML 44Page - STMicroelectronics STV2310 Datasheet HTML 45Page - STMicroelectronics STV2310 Datasheet HTML 46Page - STMicroelectronics STV2310 Datasheet HTML 47Page - STMicroelectronics STV2310 Datasheet HTML 48Page - STMicroelectronics STV2310 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
45/112
STV2310
Functional Description
Data Count (DC) Coding
The Data Count (DC) byte is coded according to the parity protection scheme defined in SMPTE
291M or ITU-R BT.1364 specifications, as applied to 8-bit coded data (i.e. bit 6 is the even parity
check of bits 0 to 5, bit 7 is bit 6 complement to 1). In 8-bit applications, the DC byte gives a value
as a 4-byte group.
The number of the group of 4 User Data Words (UDW) transferred for the corresponding TV line is
given in the DC byte using 6 bits.
Checksum (CS) Coding
The Checksum (CS) byte is coded according to the parity protection scheme defined in SMPTE
291M or ITU-R BT.1364 specifications, as applied to 8-bit coded data.
Bits 6 to 0 are the LSB bits of the result of the sum of the seven LSB bits of DID, SDID, DC and all
UDW bytes (any carry is dropped). Bit 7 is the complement of Bit 6.
User Data Word (UDW) Coding
As 00h and FFh codes are prohibited in ITU-R BT.656 specifications, each data byte is substituted
by a pair of bytes; these two bytes are respectively built with:
● The lower data nibble for the lower nibble of the 1
st byte.
● The upper data nibble for the lower nibble of the 2
nd byte.
Data is transmitted in the same temporal order as for the Hardware Filtering.
The TV line value is also provided to the DOF block to prevent scrambling errors when the ancillary
data flow is re-mixed with the video flow.
User Data Word Filler
As data is coded according to the 8-bit application protocol described in SMPTE 291M and ITU-R
BT.1364 specifications, some extra bytes may be inserted into the User Data Word sequence.
These bytes code the value 80h which is meaningless and is used only to maintain a 4-byte UDW
modularity (in compliance with the above specifications). These meaningless bytes are also used to
maintain the most adequate 4-byte wise data storing format handled by the microcontroller.
When an application is running, it is important that these filler bytes are not processed as valid data
items.
UDW Coding for WST - Teletext B
For World System Teletext (WST) standards, the UDW coding scheme depends on the searched
frame code.
When the searched frame code is the usual code (27h), the two first UDW words code the
Magazine (3 bits) and the Page (5 bits) values. In this case, there is no need to perform a nibble
split on these two words.When the searched frame code is validated with a programmable value, a
split of the two first words is applied (as they may not be necessarily Hamming 8/4 coded).
The above bytes are followed by 80 bytes (respectively 64 bytes in 525/60Hz) resulting of the nibble
split of the 40 bytes (respectively 32 bytes in 525/60Hz) decoded from the current TV ancillary data.
Table 16: Magazine and Page Coding
Bit
7
6
5432
10
Magazine
Byte
Coding
Bit 6
1’s complement
Even parity
check for bits
[5:0]
Always 0
Magazine value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com