Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 53Page - STMicroelectronics STV2310 Datasheet HTML 54Page - STMicroelectronics STV2310 Datasheet HTML 55Page - STMicroelectronics STV2310 Datasheet HTML 56Page - STMicroelectronics STV2310 Datasheet HTML 57Page - STMicroelectronics STV2310 Datasheet HTML 58Page - STMicroelectronics STV2310 Datasheet HTML 59Page - STMicroelectronics STV2310 Datasheet HTML 60Page - STMicroelectronics STV2310 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
57/112
STV2310
Register List
DDECCONT3
9
39h
0101 0101
DDECCONT3
A
3Ah
0101 0101
DDECCONT3
B
3Bh
0011 0101
DDECCONT3
C
3Ch
1111 1100
VSYNCNS
TD_MASK
TRICKDET
_MASK
INTERDET
_MASK
VCRDET_
MASK
INSERDET
_MASK
FBDET_M
ASK
VBICONT1
3Dh
xx00 0001
SLDID[5:0]
VBICONT2
3Eh
xx00 0000
SLFIL[5:0]
VBICONT3
3Fh
1000 0001
SLICECO
MP_EN
RAWFILTO
FF_EN
WSTSLICI
NG_EN
WSTCUST
OMFRAM
WSTEXTLI
NES
WSTALLPA
CKETS
VBICONT4
40h
0010 0111
FRAMINGCODE[7:0]
VBICONT5
41h
1100 0101
WSSF1ON
LY_EN
VPS1ONLY
_EN
VPSSLICI
NG_EN
VPSEXTLI
NES
WSSSLICI
NG_EN
WSSEXTLI
NES
VBICONT6
42h
0000 0000
GMVBILIN
ES
GMRELAX
_EN
GMSLICIN
G_EN
CCVBILIN
ES
CCRELAX
_EN
CCSLICIN
G_EN
VBICONT7
43h
0000 1101
VBICONT8
44h
0000 1000
VBICONT9
45h
0110 0011
VBICONT0A
46h
0001 1100
VBICONT0B
47h
0100 0110
VBICONT0C
48h
0000 0000
VBICONT0D
49h
0000 0000
VBICONT0E
4Ah
0000 0000
VBICONT0F
4Bh
1011 0011
CGSEW[2:0]
CGNBS[1:0]
CGNBI[2:0]
VBICONT10
4Ch
0000 1000
CGESPF2
CGESPF1
CGVS[5:0]
VBICONT11
4Dh
0111 0001
VBICONT12
4Eh
0000 1100
VBICONT13
4Fh
0000 0000
WSTH[7:0]
VBICONT14
50h
0000 0000
WSTH[9:8]
VBICONT15
51h
0001 0101
VBICONT16
52h
1010 0000
EQZPRGM
ODE
EQZORDE
RSEL
EQZFLTMOD[4:0]
VBICONT17
53h
0101 0000
VBI_EQUALCOEFF[2:0]
VBICONT18
54h
0001 0010
Name
Add.
(h)
Reset Value
(Bin)
Register Function and Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com