Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 101Page - STMicroelectronics STV2310 Datasheet HTML 102Page - STMicroelectronics STV2310 Datasheet HTML 103Page - STMicroelectronics STV2310 Datasheet HTML 104Page - STMicroelectronics STV2310 Datasheet HTML 105Page - STMicroelectronics STV2310 Datasheet HTML 106Page - STMicroelectronics STV2310 Datasheet HTML 107Page - STMicroelectronics STV2310 Datasheet HTML 108Page - STMicroelectronics STV2310 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
105/112
STV2310
Electrical Characteristics
6.13
Horizontal/Vertical Synchronization Block
6.14
Chroma Block
6.15
I²C Bus Characteristics
Symbol
Parameter
Min.
Typ.
Max
Unit
Output Luma/Sync Misalignment
±2.5
ns
Output Chroma/Sync Misalignment
±20
ns
Line PLL Capture Range
±8
%
Symbol
Parameter
Min.
Typ.
Max
Unit
ACC Control Range
-6
+30
dB
Chroma PLL Capture Range
0.8
1
kHz
Total Chroma Phase Tracking Error
±0.5
±1
deg.
Quadrature Error
±0.5
±1
deg.
Hue Control Range
±40
deg
Hue Control Step
1.5
deg.
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
SCL
VIL
Low Level Input Voltage
-0.3
1.5
V
VIH
High Level Input Voltage
2.3
5.5
V
IIL
Input Leakage Current
VIN = 0 to 5.0 V
-10
10
µA
fSCL
Clock Frequency
400
kHz
tR
Input Rise Time
1 V to 2 V
300
ns
tF
Input Fall Time
2 V to 1 V
300
ns
CI
Input Capacitance
10
pF
SDA
VIL
Low Level Input Voltage
-0.3
1.5
V
VIH
High Level Input Voltage
2.3
5.5
V
IIL
Input Leakage Current
VIN = 0 to 5.0 V
-10
10
µA
tR
Input Rise Time
1 V to 2 V
300
ns
tF
Input Fall Time
2 V to 1 V
300
ns
VOL
Low Level Output Voltage
IOL = 3 mA
0.4
V
tF
Output Fall Time
2 V to 1 V
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com