Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 127Page - Renesas Technology Corp DA16200 Datasheet HTML 128Page - Renesas Technology Corp DA16200 Datasheet HTML 129Page - Renesas Technology Corp DA16200 Datasheet HTML 130Page - Renesas Technology Corp DA16200 Datasheet HTML 131Page - Renesas Technology Corp DA16200 Datasheet HTML 132Page - Renesas Technology Corp DA16200 Datasheet HTML 133Page - Renesas Technology Corp DA16200 Datasheet HTML 134Page - Renesas Technology Corp DA16200 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
131 of 153
© 2023 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
1: safe for BOD event processing
16
R/W
-
HW-BOD enable (Note 1)
When enabled, a dcore reset and POR is
generated automatically when a BOD event is
detected.
0: disabled
1: enabled
1'b0
15
R
-
VBAT_MON_OUT (Note 1)
State of the LP_BOR detect signal.
14
R
-
BR status read
1: Brown Out event occurred
13
R
-
BL status read
1: Black Out event occurred
12
R/W
-
BR_HYS_CTRL
0: hysteresis 100 mV (Default)
1: hysteresis 150 mV
1'b0
11
R/W
-
BL_HYS_CTRL
0: hysteresis 100 mV (Default)
1: hysteresis 150 mV
1'b0
10
R/W
-
Reserved
1'b0
9
R/W
-
BR_OUT_EN (brown out)
0: disable BR logic
1: enable BR logic
1'b0
8
R/W
-
BL_OUT_EN (black out)
0: disable BL logic
1: enable BL logic
1'b0
7:4
R/W
-
BR_OUT_CTRL
Voltage threshold for the Brownout Detector
4'b0111
3:0
R/W
-
BL_OUT_CTRL
Voltage threshold for the Blackout Detector
4'b0101
Note 1
Only available for variant 001 of the DA16200.
Table 210: watchdog_cnt (0x5009105C)
Bit
Mode
Symbol
Description
Reset
6:5
R
-
WatchDog Count read value
4:0
R/W
-
Free Running Counter[35:14] bit selection
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com