Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 131Page - Renesas Technology Corp DA16200 Datasheet HTML 132Page - Renesas Technology Corp DA16200 Datasheet HTML 133Page - Renesas Technology Corp DA16200 Datasheet HTML 134Page - Renesas Technology Corp DA16200 Datasheet HTML 135Page - Renesas Technology Corp DA16200 Datasheet HTML 136Page - Renesas Technology Corp DA16200 Datasheet HTML 137Page - Renesas Technology Corp DA16200 Datasheet HTML 138Page - Renesas Technology Corp DA16200 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
135 of 153
© 2023 Renesas Electronics
11.2 Typical Application: QFN, 1.8 V Flash
Figure 62 shows the schematics for an application that uses the DA16200 QFN in 1.8 V Flash mode.
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VSS
VDD_ANA
RBIAS
RF_XI
RF_XO
TMS
TCLK
GPIOC8
GPIOC7
GPIOC6
UART_TXD
UART_RXD
GPIOA3
VDD_DIO1
GPIOA4
GPIOA5
GPIOA6
GPIOA7
GPIOA8
GPIOA9
GPIOA10
GPIOA11
DCDC_FB
DCDC_LX
DA16200
QFN
VBAT (3.3V)
C2
C3
C4
C5
C7
C8
C9
C10
C11
C13
C1
R2
R1
C12
C6
L1
RF1
L3
C17
C19
C18
C15
L2
R4
R5
VDD_DIO2
(1.8V ~ 3.3V)
VDD_DIO1
(1.8V ~ 3.3V)
VDD_FDIO
( Connect to
External Flash)
Note: Remove R3 and C12 when MCU controls RTC_PWR_KEY
Figure 62: Typical Application
– QFN, 1.8 V Flash
The power supply of the External Flash memory is the same as VDD_FDIO.
VDD_DIO1/2 can be connected to the same power source as the external component that is
connected to the DA16200.
Remove R3 and C12 when an MCU controls
‘RTC_PWR_KEY’.
Table 63 lists the components for an application that uses the DA16200 QFN in 1.8 V Flash mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com