Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 129Page - Renesas Technology Corp DA16200 Datasheet HTML 130Page - Renesas Technology Corp DA16200 Datasheet HTML 131Page - Renesas Technology Corp DA16200 Datasheet HTML 132Page - Renesas Technology Corp DA16200 Datasheet HTML 133Page - Renesas Technology Corp DA16200 Datasheet HTML 134Page - Renesas Technology Corp DA16200 Datasheet HTML 135Page - Renesas Technology Corp DA16200 Datasheet HTML 136Page - Renesas Technology Corp DA16200 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
133 of 153
© 2023 Renesas Electronics
11 Applications Schematic
11.1 Typical Application: QFN, 3.3 V Flash
Figure 61 shows the schematics for an application that uses the DA16200 in 3.3 V Flash mode.
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VSS
VDD_ANA
RBIAS
RF_XI
RF_XO
TMS
TCLK
GPIOC8
GPIOC7
GPIOC6
UART_TXD
UART_RXD
GPIOA3
VDD_DIO1
GPIOA4
GPIOA5
GPIOA6
GPIOA7
GPIOA8
GPIOA9
GPIOA10
GPIOA11
DCDC_FB
DCDC_LX
DA16200
QFN
VBAT (3.3V)
C2
C3
C4
C5
C7
C8
C9
C10
C11
C13
C1
R2
R1
C12
C6
L1
RTC_GPO (High/Low)
U1
RF1
L3
C17
C19
C18
C15
L2
R5
R4
VDD_DIO2
(1.8V ~ 3.3V)
VDD_DIO1
(1.8V ~ 3.3V)
VDD_FDIO
( Connect to
External Flash)
Note: Remove R3 and C12 when MCU controls RTC_PWR_KEY
Figure 61: Typical Application
– QFN, 3.3 V Flash
The power supply of the External Flash memory is the same as VDD_FDIO.
VDD_DIO1/2 can be connected to the same power source as the external component that is
connected to the DA16200.
Remove R3 and C12 when an MCU controls
‘RTC_PWR_KEY’.
Table 61 lists the components for an application that uses the DA16200 QFN in 3.3 V Flash mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com