Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 125Page - Renesas Technology Corp DA16200 Datasheet HTML 126Page - Renesas Technology Corp DA16200 Datasheet HTML 127Page - Renesas Technology Corp DA16200 Datasheet HTML 128Page - Renesas Technology Corp DA16200 Datasheet HTML 129Page - Renesas Technology Corp DA16200 Datasheet HTML 130Page - Renesas Technology Corp DA16200 Datasheet HTML 131Page - Renesas Technology Corp DA16200 Datasheet HTML 132Page - Renesas Technology Corp DA16200 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
129 of 153
© 2023 Renesas Electronics
Table 205: counter0 (0x50091038)
Bit
Mode
Symbol
Description
Reset
31:0
R
-
RTC free running counter read value [31:0]
0x00
Table 206: counter1 (0x5009103C)
Bit
Mode
Symbol
Description
Reset
3:0
R
-
RTC free running counter read value [35:32]
0x00
Table 207: ldo_status (0x50091040)
Bit
Mode
Symbol
Description
Reset
13
R
-
IP1_LDO_RDY
1: IP1_LDO is ready
1'b0
12
R
-
DCDC_RDY
1: DCDC is ready
1'b0
11
R
-
F_LDO_RDY
1: Flash LDO is ready
1'b0
10
R
-
DIG_LDO_RDY
1: DIG LDO is ready
1'b0
9
R
-
RF_LDO_RDY
1: RF LDO is ready
1'b0
8
R
-
XTAL40M_RDY
1: XTAL 40 Mhz clock is ready
1'b0
7
R
-
Reserved
6
R
-
Reserved
5
R
-
Reserved
4
R
-
Reserved
3
R
-
XTAL_RDY
1: XTAL 32 Khz is ready
1'b0
2
R
-
Reserved
1
R
-
Reserved
0
R
-
Wake up source from RTC_WAKEUP pin
1'b0
Table 208: ldo_pwr_control (0x50091044)
Bit
Mode
Symbol
Description
Reset
29
R/W
-
DCDC_ST_BYP
0: soft start bypass disable
1: soft start bypass enable
1'b0
28:24
R/W
-
DCDC_ST_CTRL[4:0]
DCDC soft start timing control delay time
5'b01011
21
R/W
-
IP2_MON_PATH_CTRL
0: LDO and low frequency path
1: RF clock path
1'b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com