Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 121Page - Renesas Technology Corp DA16200 Datasheet HTML 122Page - Renesas Technology Corp DA16200 Datasheet HTML 123Page - Renesas Technology Corp DA16200 Datasheet HTML 124Page - Renesas Technology Corp DA16200 Datasheet HTML 125Page - Renesas Technology Corp DA16200 Datasheet HTML 126Page - Renesas Technology Corp DA16200 Datasheet HTML 127Page - Renesas Technology Corp DA16200 Datasheet HTML 128Page - Renesas Technology Corp DA16200 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
125 of 153
© 2023 Renesas Electronics
Table 198: rtc_control (0x50091010)
Bit
Mode
Symbol
Description
Reset
6
R/W
-
Wakeup enable for RTC_WAKEUP
0: wakeup disable
1: wakeup enable
1'b0
5
R/W
-
Brown out interrupt enable field
0: no interrupt will be enabled
1: when event, IRQ will be generated
1'b0
4
R/W
-
Black out interrupt enable field
0: no interrupt will be enabled
1: when event, IRQ will be generated
1'b0
3
R/W
-
RTC Watch-Dog Count
0: count disable
1: count enable
1'b0
2
R/W
-
RTC_WAKEUP input polarity selection
0: rising edge
1: falling edge
1'b0
1
R/W
-
RTC_WAKEUP interrupt enable (Normal mode)
0: no interrupt will be enabled
1: when event, IRQ will be generated
1'b0
0
R/W
-
Power down enable
0: no effect
1: go to power down mode
1'b0
Table 199: xtal_control (0x50091014)
Bit
Mode
Symbol
Description
Reset
10
R/W
-
VBAT BIAS current control
(0: max current, 1: min current)
1'b0
9:8
R/W
-
XTAL LDO current control
(0: max current, 3: min current)
2'b00
7:5
R/W
-
40M XTAL LDO output voltage control
3'b100
4
R/W
-
EN_XR_BAT
External resistor enable
0: Internal resistor used
1: External resistor used
1'b0
3:2
R/W
-
CLK_SEL1:0
Select clock source (default 32 kHz OSC)
0: 32 kHz OSC
1: 32 kHz Crystal
2: for Test
2'b00
1
R/W
-
EN_XTAL_BAT
32 kHz Crystal Power on/off (default:1)
(0: off, 1: on)
1'b1
0
R/W
-
PDB_OSC
1'b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com